Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4331
Description  SPI Extender Over Rugged Differential Link
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 2Page - Analog Devices LTC4331 Datasheet HTML 3Page - Analog Devices LTC4331 Datasheet HTML 4Page - Analog Devices LTC4331 Datasheet HTML 5Page - Analog Devices LTC4331 Datasheet HTML 6Page - Analog Devices LTC4331 Datasheet HTML 7Page - Analog Devices LTC4331 Datasheet HTML 8Page - Analog Devices LTC4331 Datasheet HTML 9Page - Analog Devices LTC4331 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC4332
6
Rev. A
For more information www.analog.com
PIN FUNCTIONS
Logic (All Inputs and Outputs Referenced to GND
and VL)
VCC (Pin 1): Main Supply Voltage. 3.0V ≤ VCC ≤ 5.5V.
Bypass with 4.7µF ceramic capacitor to GND.
VL (Pin 2): Logic Interface Supply Voltage. 1.62V ≤ VL ≤
5.5V. Bypass with 1µF ceramic capacitor to GND.
ON (Pin 3): Enable Input. Set high for operation. Set low
for low power mode, in which the internal reset is held,
and outputs are disabled. Connect to VL if unused.
REMOTE (Pin 4): Operating Mode Select Input. Set low
for local SPI slave mode. Set high for SPI master mode
when used on the remote side. REMOTE is weakly pulled
to GND.
LINK (Pin 5): Link Status Open-Drain Output. LINK is
driven low when the device establishes link communi-
cation. Connect to an external pull-up to VL to monitor
status, otherwise float or connect to GND.
SSC (Pin 6): Control Interface Select Input (Active Low).
SSC enables access to the LTC4332 internal control reg-
isters. Set SSC low to initiate a SPI transfer using pins
SCK, MOSI, and MISO. SSC must be set high when the
SPI bus is idle. SSC is only used in local mode (REMOTE
= 0). SSC is weakly pulled to VL and can be unconnected if
not used. When in remote mode, leave SSC unconnected.
SCK (Pin 7): Serial Port Clock. When in local mode, SCK
is an input. MOSI data is captured by the LTC4332 on
the rising edge of SCK. MISO data from the LTC4332 is
updated on the falling edge of SCK. When in remote mode
SCK is an output providing the serial port clock to remote
devices. After startup, the remote side SCK is driven low.
The local side SCK contains a weak bus-hold circuit which
holds the last driven value on the pin if undriven.
MOSI (Pin 8): Master Out Slave In. When in local mode,
MOSI is the serial data input for each of the slave select
pins. MOSI data is captured on the rising edge of SCK.
When in remote mode, MOSI is the serial data output and
can be connected to remote slave devices’ SDI or MOSI
pin. MOSI contains a weak bus-hold circuit which holds
the last driven value on the pin if undriven.
MISO (Pin 9): Master In Slave Out. When in local mode,
MISO is the serial data output for each of the slave select
pins. MISO’s output driver is disabled when SS1-3 and
SSC are high. A weak bus-hold circuit holds the last driven
value to prevent the pin from floating.
When in remote mode, MISO is the serial data input and
can be connected to a remote slave devices’ SDO or MISO
pin. In this mode, MISO is weakly pulled to VL and can be
unconnected if not used.
INT (Pin 10): Remote to Local Interrupt. INT is an open-
drain output in local mode and an input in remote mode.
Values set on the remote side INT propagate to the local
side INT pin. In addition, INT is the level-sensitive active
low interrupt signal for the LTC4332’s control interface.
Connect to an external pull-up to VL on the local side. Do
not allow INT to float on the remote side.
SS1 (Pin 11): Remote Slave Select 1 (Active Low). When
in local mode, SS1 is an input. Set SS1 low to initiate a
remote SPI transfer using pins SCK, MOSI, and MISO.
When in remote mode, SS1 is an output and can be con-
nected to a remote SPI device’s slave or chip select input.
SS1 must be set high when the SPI bus is idle. SS1 is
weakly pulled to VL and can be unconnected if not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com