Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC4331
Description  SPI Extender Over Rugged Differential Link
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 11Page - Analog Devices LTC4331 Datasheet HTML 12Page - Analog Devices LTC4331 Datasheet HTML 13Page - Analog Devices LTC4331 Datasheet HTML 14Page - Analog Devices LTC4331 Datasheet HTML 15Page - Analog Devices LTC4331 Datasheet HTML 16Page - Analog Devices LTC4331 Datasheet HTML 17Page - Analog Devices LTC4331 Datasheet HTML 18Page - Analog Devices LTC4331 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
LTC4332
15
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
an EVENT is triggered and its corresponding INT_EN bit
is set high, INT is driven low. To clear the interrupt set
the triggered event or the corresponding event enable bit
to 0. Note that local INT could continue to be low due to
a low value from a remote INT pin.
SPI Timeout
On the remote side, the LTC4332 acting as a SPI master
resets the SPI bus if any slave select pin exceeds time
tTIMEOUT:MASTER. with the remote SCK inactive. This pre-
vents the remote SPI bus from getting stuck active in the
event of lost or corrupted link data during a trans fer.
Remote Reset
The local side LTC4332 can trigger a remote side LTC4332
reset by holding the ON pin low for a minimum of tREMOTE_
RESET. In addition, the remote LTC4332 is automatically
reset after tREMOTE_RESET if the link is disconnected. A
remote reset disables all remote side outputs until link
communication is reestablished.
Link Speed
The link baud rate is set using the SPEED1 and SPEED2
pins as shown in Table 2. The local SCK frequency cannot
exceed the maximum SCK frequency for a given SPEED
INDEX. The SPEED INDEX must be set to the same value
on each side of the link.
Control Interface
The LTC4332 provides a separate slave select pin, SSC,
that allows a user to access the internal control interface
for configuration and monitoring. The interface supports
SPI modes (0,0) and (1,1) only. Read and write accesses
are shown in Figure 13 and Figure 14. The bit order is
MSB first. The first byte includes the register address
in bits <7-1> and a read(1)/write(0) bit in the LSB. Only
single data byte accesses per transfer are supported.
Programmed values are retained while VCC ≥ 3.0V
An optional CRC byte can be appended to a write transfer.
The CRC byte is calculated as a CRC-8 checksum over
the first two bytes in the packet. The polynomial used
is x8 + x2 + x + 1 initialized to zero. If the CRC byte is
incomplete or incorrect, the LTC4332 will not commit the
write transfer into the internal registers. Additionally, the
fault bit SPI_WRITE_FAULT is asserted and local INT pin
drives low if enabled.
The CRC byte is also available in a read transfer. In this
case the CRC byte is calculated over the first byte written
on the MOSI pin and the data byte read on the MISO pin.
Use of the CRC byte is recommended in high noise envi-
ronments or high reliability systems.
Table 2. Link Speed
SPEED1
(NOTE 1)
SPEED2
(NOTE 1)
SPEED INDEX
SPEED FACTOR
(NOTE 2)
MAX SCK FREQUENCY (kHz)
MAX CABLE LENGTH (m)
(NOTE 3)
L
L
8
1×
2000
30
Float
L
7
2×
1000
60
H
L
6
4×
500
150
L
Float
5
8×
250
250
Float
Float
4
16×
125
500
L
H
3
24×
83
750
H
Float
2
32×
63
1000
Float
H
1
64×
31
1200
H
H
0
80×
25
1200+
Note 1. For assignments to Float, 0.5 • VL can also be applied to pin.
Note 2. Used for some switching parameter calculations.
Note 3. Evaluated with CAT5E Ethernet cable in a lab environment. Actual maximum cable length depends on type of cable and application environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com