Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4331
Description  SPI Extender Over Rugged Differential Link
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 1 Page - Analog Devices

  LTC4331 Datasheet HTML 1Page - Analog Devices LTC4331 Datasheet HTML 2Page - Analog Devices LTC4331 Datasheet HTML 3Page - Analog Devices LTC4331 Datasheet HTML 4Page - Analog Devices LTC4331 Datasheet HTML 5Page - Analog Devices LTC4331 Datasheet HTML 6Page - Analog Devices LTC4331 Datasheet HTML 7Page - Analog Devices LTC4331 Datasheet HTML 8Page - Analog Devices LTC4331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC4332
1
Rev. A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
SPI Extender Over Rugged
Differential Link
The LTC®4332 is a point-to-point rugged SPI extender
designed for operation in high noise industrial environ-
ments over long distances. Using a ±60V fault protected
differential transceiver, the LTC4332 can transmit SPI data,
including an interrupt signal, up to 2MHz over two twisted
pair cables. The extended common mode range and high
common mode rejection on the differential link provides
tolerance to large ground differences between nodes.
The LTC4332 provides a control interface using a separate
slave select for configuration and fault monitoring.
Extended SPI Network Over 10m CAT5, 2MHz SCK
APPLICATIONS
n
2MHz SCK Over 10m, Operation Up to 1200m
n
Three Extended Slave Selects
n
Protected from Overvoltage Lines Fault to ±60V
n
±40kV HBM ESD on Link Pins
n
IEC ESD ±6kV and EFT ±4kV on Link Pins
n
Extended Common Mode Range: ±25V
n
Extended Interrupt
n
Separate Programmable SPI Modes
n
3V to 5.5V Supply Voltage
n
1.62V to 5.5V Logic Supply
n
4mm × 5mm 20-Lead QFN Package
n
Industrial Control and Sensors
n
Lighting and Sound System Control
All registered trademarks and trademarks are the property of their respective owners.
110
LTC4332
INT
SCK
SPEED1
MISO
SPEED2
VCC
VL
REMOTE
ON
MOSI
SS1
SS2
SS3
SSC
LINK
A
B
MCU_INT
3.3V
620
10k
620
10k
3.3V
MCU_SCK
MCU_MISO
MCU_MOSI
MCU_SS1
MCU_SS2
MCU_SS3
MCU_SS4
REM_INT
3.3V
REM_SCK
REM_MISO
REM_MOSI
REM_SS1
REM_SS2
REM_SS3
10m
V GROUND LOOP
≤25V PEAK
GND1
GND2
620
620
3.3V
Y
Z
10m
110
620
620
3.3V
LTC4332
INT
SCK
SPEED1
MISO
SPEED2
4332 TA01
VCC
VL
REMOTE
ON
MOSI
SS1
SS2
SS3
LINK
Y
Z
A
B
BYPASS CAPACITORS OMITTED FOR CLARITY


Similar Part No. - LTC4331

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4331 AD-LTC4331 Datasheet
1Mb / 22P
I2C to CAN-Physical Transceiver
02/21-REV.A
LTC4331 AD-LTC4331 Datasheet
242Kb / 26P
I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
LTC4331 AD-LTC4331 Datasheet
1Mb / 22P
I2C to CAN-Physical Transceiver
Rev. B
LTC4331CUFDPBF AD-LTC4331CUFDPBF Datasheet
242Kb / 26P
I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
LTC4331CUFDTRPBF AD-LTC4331CUFDTRPBF Datasheet
242Kb / 26P
I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
More results

Similar Description - LTC4331

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U00740M TRIPPLITE-U00740M Datasheet
487Kb / 2P
USB over Cat5 Extender Kit
logo
Level One
AVF-1200 LVL1-AVF-1200 Datasheet
766Kb / 3P
2-Channel BNC over Fiber Extender Kit
PFE-1001R LVL1-PFE-1001R Datasheet
1Mb / 3P
PoE Extender over Hybrid Fiber
HVE-9005 LVL1-HVE-9005 Datasheet
863Kb / 3P
HDMI over Cat.5 Extender kit
HVE-9200 LVL1-HVE-9200 Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
HVE-9200P LVL1-HVE-9200P Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
HVE-9211 LVL1-HVE-9211 Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
HVE-9211R LVL1-HVE-9211R Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
logo
Analog Devices
LTC4332 AD-LTC4332 Datasheet
432Kb / 20P
SPI Extender Over Rugged Differential Link
LTC4331 AD-LTC4331 Datasheet
242Kb / 26P
I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com