Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4331
Description  SPI Extender Over Rugged Differential Link
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 9Page - Analog Devices LTC4331 Datasheet HTML 10Page - Analog Devices LTC4331 Datasheet HTML 11Page - Analog Devices LTC4331 Datasheet HTML 12Page - Analog Devices LTC4331 Datasheet HTML 13Page - Analog Devices LTC4331 Datasheet HTML 14Page - Analog Devices LTC4331 Datasheet HTML 15Page - Analog Devices LTC4331 Datasheet HTML 16Page - Analog Devices LTC4331 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC4332
13
Rev. A
For more information www.analog.com
Figure 12. SS1 and SS2 Transfer. (REM_SS1_POL, REM_SS1_PHA) = (0,0). (REM_SS2_POL, REM_SS2_PHA) = (1,1). WORD_LENGTH = 8
APPLICATIONS INFORMATION
slave select pin is low and the first word is shifted by pin
SCK. It is invalid to assert more than one slave select pin
concurrently.
Remote Mode
The LTC4332 is in SPI master mode when the REMOTE
pin is set high. Pins SCK and MOSI are outputs while pin
MISO is an input. Three slave selects output pins SS1, SS2,
SS3 are available to connect to remote SPI slave devices.
The remote side LTC4332 first asserts the appropriate slave
select pin mirroring the event from the local side and then
toggles pins SCK with MOSI data as write-data becomes
available from the link. Using the same SCK edge, the
LTC4332 captures data on the MISO pin from the remote
slave device, encodes the data, and transmits the created
bit-stream along the second differential pair to the local side.
The remote side SCK period reflects the local side SCK
period offset by a jitter parameter tSCKJ:MASTER. See
Figure 8. Care must be taken to ensure that the maximum
supported frequency of the remote device is not violated.
The SCK duty cycle is as follows. When the remote SPI
mode is set to (0,0) or (1,1), the low time tSCKL:MASTER
applies while SCK high time = 1/fSCK:SLAVE – tSCKL:MASTER
+ tSCKJ:MASTER. When the remote SPI mode is set to (0,1)
or (1,0), the high time tSCKH:MASTER applies while the SCK
low time = 1/fSCK:SLAVE – tSCKH:MASTER + tSCKJ:MASTER.
The remote SPI master device supports SPI modes (0,0),
(0,1), (1,0), and (1,1) for each remote slave select. Each
remote slave select SPI mode can be individually pro-
grammed by the user to match the SPI mode require-
ments of the remote slave device. The SPI mode is pro-
grammed by writing the CONFIG register in the control
interface. SPI mode switching is handled automatically by
the LTC4332. When the user asserts a remote slave select
to start a transfer, the remote side LTC4332 configures
its SPI interface mode to match the mode of the remote
device before asserting the remote slave select signal.
Differential Link Pair
Internally, the LTC4332 utilizes a high performance trans-
ceiver to communicate over the link pair. The A, B, Y,
and Z pins are fault protected to ±60V. In addition, the
transceiver operates over an extended common mode
range of ±25V making it suitable for noisy environments
or systems with ground potential differences. Data is
exchanged between the LTC4332 devices using a cus-
tom packet which has a selectable baud rate based on the
configuration of the SPEED1 and SPEED2 pins. Selectable
baud rates over the cable allow balancing performance
with cable length specific to the application. Both sides
of the link must be set to the same speed configuration
to match the baud rates and allow communication. Each
LOCAL SIDE
READ1
READ2
MISO
SCK
SS1
BUS-HOLD
SS2
READ1
READ2
BUS-HOLD
WRITE2
WRITE3
MOSI
WRITE1
WRITE1
WRITE2
WRITE3
REMOTE SIDE
READ2
READ3
MISO
SCK
SS1
SS2
WRITE2
WRITE3
MOSI
WRITE1
WRITE1
WRITE2
WRITE3
READ1
READ1
READ2
READ3
POL = 1
POL = 0
4332 F12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com