Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4331
Description  SPI Extender Over Rugged Differential Link
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 8Page - Analog Devices LTC4331 Datasheet HTML 9Page - Analog Devices LTC4331 Datasheet HTML 10Page - Analog Devices LTC4331 Datasheet HTML 11Page - Analog Devices LTC4331 Datasheet HTML 12Page - Analog Devices LTC4331 Datasheet HTML 13Page - Analog Devices LTC4331 Datasheet HTML 14Page - Analog Devices LTC4331 Datasheet HTML 15Page - Analog Devices LTC4331 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LTC4332
12
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Overview
Two LTC4332 devices are required for a complete extended
SPI network. On the local side, set the REMOTE pin low
to set the SPI interface into slave device mode. A second
LTC4332 with its REMOTE pin set high sets the SPI inter-
face into master device mode. Three slave select pins are
available to connect to slave devices on the remote side
along with a shared interrupt signal.
The LTC4332 SPI extender solution supports remote slave
devices with mixed SCK polarity and phase requirements.
The remote side LTC4332 switches to the device’s specific
SPI interface mode before initiating a transfer.
Using an integrated high-performance differential trans-
ceiver for link communication, a local SPI master can
access remote slave devices up to 1200m using inexpen-
sive CAT5 or other differential-pair type cabling.
The LTC4332 SPI extender solution can be inserted
into an existing SPI network with minimal impact. Write
accesses to remote slave devices are software transpar-
ent; however, read accesses from remote slaves incur a
one-word latency.
driven low, slave select pins SS1, SS2, SS3 are available
to access remote SPI slave devices. The device captures
SPI data on the MOSI pin and sends it across the first dif-
ferential link as an encoded bit-stream to the remote side
LTC4332. Concurrently, the local side LTC4332 receives
read-back data from the remote side through the second
differential pair and stores it in an internal word FIFO.
Read data is held in the internal word FIFO until the next
word boundary is detected then is driven onto pin MISO.
Therefore, MISO data is always delayed by one word. See
Figure 12. An extra word appended to the existing trans-
action can be used to read out the last word. The word
length defaults to 8 bits. Words lengths from 8 to 32 bits
are supported by writing the WORD_LENGTH register
in the control interface using SSC. The internal FIFO is
always flushed at the start of transaction.
The SPI protocol supports four unique timing configura-
tions defined by the SCK polarity (CPOL) and clock phase
(CPHA) summarized in Table 1.
Table 1. SPI Mode
CPOL
CPHA
SCK IDLE
DATA CAPTURED
DATA LAUNCHED
0
0
Low
Rising SCK
Falling SCK
0
1
Low
Falling SCK
Rising SCK
1
0
High
Falling SCK
Rising SCK
1
1
High
Rising SCK
Falling SCK
Figure 10. LTC4332 Solution Inserted Into a SPI Network
Figure 11. SPI Mode Waveform
Local Mode
The LTC4332 is in slave SPI mode when the REMOTE
pin is set low. Pins SCK and MOSI are inputs while pin
MISO is an output. Once the link status output pin LINK is
When set to local mode, the LTC4332 SPI slave interface
supports SPI modes (0,0) and (1,1) where (CPOL, CPHA).
The maximum SCK frequency is limited by fSCK:SLAVE and
Table 2 when accessing remote SPI slaves. The MISO
pin is weakly held to the previously driven value when
all slave select pins are high. MISO is only driven after a
CAPTURE
LAUNCH
4332 F11
SS
SCK
(CPOL = 0)
SCK
(CPOL = 1)
MOSI, MISO
(CPHA = 0)
MOSI, MISO
(CPHA = 1)
LAUNCH
CAPTURE
REM_SCK
REM_MOSI
REM_MISO
REM_SS
MCU_SCK
MCU_MOSI
MCU_MISO
MCU_SS
SCK
MOSI
MISO
SS
µP
Y
Z
LTC4332
A
B
LTC4332
DEVICE
REMOTE
REMOTE
µP
DEVICE
TWISTED
PAIR
LOCAL SIDE
REMOTE SIDE
BREAK CONNECTIONS AND INSERT LTC4332 SOLUTION
LOCAL SLAVE
LOCAL MASTER
LOCAL
SLAVE
LOCAL
MASTER
REMOTE
MASTER
REMOTE
SLAVE
LOCAL
SPI BUS
REMOTE
SPI BUS
V L
A
B
Y
Z
MCU_INT
REM_INT
INT
4332 F10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com