| Electronic Components Datasheet Search |
|
PIC16F15213 Datasheet(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F15213 Datasheet(HTML) 40 Page - Microchip Technology |
|
40 / 439 page ![]() Table 9-5. Core Registers Addresses in BANKx Core Registers x00h or x80h INDF0 x01h or x81h INDF1 x02h or x82h PCL x03h or x83h STATUS x04h or x84h FSR0L x05h or x85h FSR0H x06h or x86h FSR1L x07h or x87h FSR1H x08h or x88h BSR x09h or x89h WREG x0Ah or x8Ah PCLATH x0Bh or x8Bh INTCON 9.2.3 Special Function Register The Special Function Registers (SFR) are registers used by the application to control the desired operation of peripheral functions in the device. The SFRs occupy the first 20 bytes of the data banks 0-59 and the first 100 bytes of the data banks 60-63, after the core registers. The SFRs associated with the operation of the peripherals are described in the appropriate peripheral chapter of this data sheet. 9.2.4 General Purpose RAM There are up to 80 bytes of GPR in each data memory bank. The general purpose RAM can be accessed in a non-banked method via the FSRs. This can simplify access to large memory structures. Refer to the “Linear Data Memory” section in the “Memory Organization” chapter for details about linear memory accessing. 9.2.5 Common RAM There are 16 bytes of common RAM accessible from all banks. 9.2.6 Device Memory Maps The memory maps for the devices in this data sheet are listed in the following figures. PIC16F15213/14/23/24/43/44 Memory Organization © 2020-2022 Microchip Technology Inc. and its subsidiaries Data Sheet DS40002195E-page 40 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |