Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 93Page - Microchip Technology PIC16F15213 Datasheet HTML 94Page - Microchip Technology PIC16F15213 Datasheet HTML 95Page - Microchip Technology PIC16F15213 Datasheet HTML 96Page - Microchip Technology PIC16F15213 Datasheet HTML 97Page - Microchip Technology PIC16F15213 Datasheet HTML 98Page - Microchip Technology PIC16F15213 Datasheet HTML 99Page - Microchip Technology PIC16F15213 Datasheet HTML 100Page - Microchip Technology PIC16F15213 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 439 page
background image
12.9.6
PIR1
Name: 
PIR1
Offset: 
0x70D
Peripheral Interrupt Request Register 1
Bit
7
6
5
4
3
2
1
0
CCP1IF
TMR2IF
TMR1IF
RC1IF
TX1IF
BCL1IF
SSP1IF
ADIF
Access
R/W/HS
R/W/HS
R/W/HS
R
R
R/W/HS
R/W/HS
R/W/HS
Reset
0
0
0
0
0
0
0
0
Bit 7 – CCP1IF CCP1 Interrupt Flag
Value
CCP Mode
Capture
Compare
PWM
1
Capture occurred (must be
cleared in software)
Compare match occurred (must be
cleared in software)
Output trailing edge occurred (must
be cleared in software)
0
Capture did not occur
Compare match did not occur
Output trailing edge did not occur
Bit 6 – TMR2IF TMR2 Interrupt Flag
Value
Description
1
Interrupt has occurred (must be cleared in software)
0
Interrupt event has not occurred
Bit 5 – TMR1IF TMR1 Interrupt Flag
Value
Description
1
Interrupt has occurred (must be cleared in software)
0
Interrupt event has not occurred
Bit 4 – RC1IF  EUSART1 Receive Interrupt Flag(1)
Value
Description
1
The EUSART1 receive buffer (RC1REG) is not empty (contains at least one byte)
0
The EUSART1 receive buffer is empty
Bit 3 – TX1IF  EUSART1 Transmit Interrupt Flag(2)
Value
Description
1
The EUSART1 transmit buffer (TX1REG) is empty
0
The EUSART1 transmit buffer is not empty
Bit 2 – BCL1IF MSSP1 Bus Collision Interrupt Flag
Value
Description
1
A bus collision was detected (must be cleared in software)
0
No bus collision was detected
Bit 1 – SSP1IF MSSP1 Interrupt Flag
Value
Description
1
Interrupt has occurred (must be cleared in software)
0
Interrupt event has not occurred
Bit 0 – ADIF ADC Interrupt Flag
Value
Description
1
Interrupt has occurred (must be cleared in software)
0
Interrupt event has not occurred
PIC16F15213/14/23/24/43/44
Interrupts
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com