Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 65Page - Microchip Technology PIC16F15213 Datasheet HTML 66Page - Microchip Technology PIC16F15213 Datasheet HTML 67Page - Microchip Technology PIC16F15213 Datasheet HTML 68Page - Microchip Technology PIC16F15213 Datasheet HTML 69Page - Microchip Technology PIC16F15213 Datasheet HTML 70Page - Microchip Technology PIC16F15213 Datasheet HTML 71Page - Microchip Technology PIC16F15213 Datasheet HTML 72Page - Microchip Technology PIC16F15213 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 439 page
background image
Figure 10-3. Reset Start-Up Sequence
Filename:
Reset Start-up Sequence.vsdx
Title:
Last Edit:
1/7/2020
First Used:
Notes:
Rev. Res et S tar
1/7/2020
Note 1:
Code execution begins 10 FOSC cycles after the FOSC clock is released.
VDD
Internal POR
Internal RESET
MCLR
FOSC
Begin Execution
Ext. Clock (EC)
Power-up Timer
code execution
(1)
External Clock (EC modes), PWRTS
00
code execution
(1)
External Clock (EC modes), PWRTS =
00
TPWRT
Int. Oscillator
code execution
(1)
Internal Oscillator, PWRTS =
00
code execution
(1)
Internal Oscillator, PWRTS
00
TPWRT
VDD
Internal POR
Internal RESET
MCLR
FOSC
Begin Execution
Power-up Timer
Note: 
1.
Code execution begins 10 FOSC cycles after the FOSC clock is released.
10.9
Memory Execution Violation
A memory execution violation Reset occurs if executing an instruction being fetched from outside the valid execution
area. The invalid execution areas are:
1.
Addresses outside implemented program memory. Refer to the “Memory Organization” chapter for details
about available Flash size.
2.
Storage Area Flash (SAF) inside program memory, if enabled.
When a memory execution violation is generated, the device is reset and the MEMV bit is cleared to signal the cause
of the Reset. The MEMV bit must be set in the user code after a memory execution violation Reset has occurred to
detect further violation Resets.
10.10 Determining the Cause of a Reset
Upon any Reset, multiple bits in the STATUS, PCON0 and PCON1 registers are updated to indicate the cause of the
Reset. The following tables show the Reset conditions of these registers.
Table 10-3. Reset Status Bits and Their Significance
STKOVF STKUNF RWDT RMCLR
RI
POR
BOR
TO
PD
MEMV
Condition
0
0
1
1
1
0
x
1
1
1
Power-on Reset
0
0
1
1
1
0
x
0
x
u
Illegal, TO is set on
POR
0
0
1
1
1
0
x
x
0
u
Illegal, PD is set on
POR
PIC16F15213/14/23/24/43/44
Resets
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com