Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 10Page - Microchip Technology PIC16F15213 Datasheet HTML 11Page - Microchip Technology PIC16F15213 Datasheet HTML 12Page - Microchip Technology PIC16F15213 Datasheet HTML 13Page - Microchip Technology PIC16F15213 Datasheet HTML 14Page - Microchip Technology PIC16F15213 Datasheet HTML 15Page - Microchip Technology PIC16F15213 Datasheet HTML 16Page - Microchip Technology PIC16F15213 Datasheet HTML 17Page - Microchip Technology PIC16F15213 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 439 page
background image
4.
Guidelines for Getting Started with PIC16F152 Microcontrollers
4.1
Basic Connection Requirements
Getting started with the PIC16F152 family of 8-bit microcontrollers requires attention to a minimal set of device pin
connections before proceeding with development.
The following pins must always be connected:
• All VDD and VSS pins (see 4.2. Power Supply Pins)
• MCLR pin (see 4.3. Master Clear (MCLR) Pin)
These pins must also be connected if they are being used in the end application:
• PGC/PGD pins used for In-Circuit Serial Programming
™ (ICSP™) and debugging purposes (see 4.4. In-Circuit
Serial Programming (ICSP) Pins)
• CLKIN pin when an external clock source is used.
Additionally, the following may be required:
• VREF+/VREF- pins are used when external voltage reference for analog modules is implemented
The minimum recommended connections are shown in the figure below.
Figure 4-1. Minimum Recommended Connections
Filename:
Recommended Minimum Connections.vsdx
Title:
Last Edit:
1/2/2020
First Used:
Notes:
Rev. Rec ommende
1/2/2020
C1
R1
VDD
PIC MCU
R2
MCLR
C2
Vss
Key (all values are recommendations):
C1: 10 nF, 16V ceramic
C2: 0.1
F, 16V ceramic
R1: 10 k
Ω
R2: 100
Ω to 470Ω
®
4.2
Power Supply Pins
4.2.1
Decoupling Capacitors
The use of decoupling capacitors on every pair of power supply pins (VDD and VSS) is required.
Consider the following criteria when using decoupling capacitors:
• Value and type of capacitor: A 0.1 μF (100 nF), 10-25V capacitor is recommended. The capacitor may be
a low-ESR device, with a resonance frequency in the range of 200 MHz and higher. Ceramic capacitors are
recommended.
• Placement on the printed circuit board: The decoupling capacitors may be placed as close to the pins as
possible. It is recommended to place the capacitors on the same side of the board as the device. If space is
constricted, the capacitor can be placed on another layer on the PCB using a via; however, ensure that the trace
length from the pin to the capacitor is no greater than 0.25 inch (6 mm).
PIC16F15213/14/23/24/43/44
Guidelines for Getting Started with PIC16F152 Micr...
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com