Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2445 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2445
Description  24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2445 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2445 Datasheet HTML 10Page - Linear Technology LTC2445 Datasheet HTML 11Page - Linear Technology LTC2445 Datasheet HTML 12Page - Linear Technology LTC2445 Datasheet HTML 13Page - Linear Technology LTC2445 Datasheet HTML 14Page - Linear Technology LTC2445 Datasheet HTML 15Page - Linear Technology LTC2445 Datasheet HTML 16Page - Linear Technology LTC2445 Datasheet HTML 17Page - Linear Technology LTC2445 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC2444/LTC2445/
LTC2448/LTC2449
14
sn2444589 2444589fs
Table 5. LTC2444/LTC2445/LTC2448/LTC2449 Speed/Resolution Selection
CONVERSION RATE
RMS
RMS
OSR3
OSR2
OSR1
OSR0
TWOX INTERNAL EXTERNAL
NOISE
NOISE
ENOB
ENOB
OSR
LATENCY
9MHz
10.24MHz LTC2444/ LTC2445/ LTC2444/ LTC2445/
Clock
Clock
LTC2448
LTC2449
LTC2448
LTC2449
00000
Keep Previous Speed/Resolution
00010
3.52kHz
4kHz
23µV23µV
17
17
64
none
00100
1.76kHz
2kHz
4.4µV
3.5µV
20.1
20.1
128
none
00110
880Hz
1kHz
2.8µV2µV
20.8
21.3
256
none
01000
440Hz
500Hz
2µV
1.4µV
21.3
21.8
512
none
01010
220Hz
250Hz
1.4µV1µV
21.8
22.4
1024
none
01100
110Hz
125Hz
1.1µV
750nV
22.1
22.9
2048
none
01110
55Hz
62.5Hz
720nV
510nV
22.7
23.4
4096
none
10000
27.5Hz
31.25Hz
530nV
375nV
23.2
24
8192
none
10010
13.75Hz
15.625Hz
350nV
250nV
23.8
24.4
16384
none
11110
6.875Hz
7.8125Hz
280nV
200nV
24.1
24.6
32768
none
00001
Keep Previous Speed/Resolution
00011
7.04kHz
8kHz
23µV23µV
17
17
64
1 cycle
00101
3.52kHz
4kHz
4.4µV
3.5µV
20.1
20.1
128
1 cycle
00111
1.76kHz
2kHz
2.8µV2µV
20.8
21.3
256
1 cycle
01001
880Hz
1kHz
2µV
1.4µV
21.3
21.8
512
1 cycle
01011
440Hz
500Hz
1.4µV1µV
21.8
22.4
1024
1 cycle
01101
220Hz
250Hz
1.1µV
750nV
22.1
22.9
2048
1 cycle
01111
110Hz
125Hz
720nV
510nV
22.7
23.4
4096
1 cycle
10001
55Hz
62.5Hz
530nV
375nV
23.2
24
8192
1 cycle
10011
27.5Hz
31.25Hz
350nV
250nV
23.8
24.4
16384
1 cycle
11111
13.75Hz
15.625Hz
280nV
200nV
24.1
24.6
32768
1 cycle
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com