Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2445 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC2445
Description  24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2445 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC2445 Datasheet HTML 20Page - Linear Technology LTC2445 Datasheet HTML 21Page - Linear Technology LTC2445 Datasheet HTML 22Page - Linear Technology LTC2445 Datasheet HTML 23Page - Linear Technology LTC2445 Datasheet HTML 24Page - Linear Technology LTC2445 Datasheet HTML 25Page - Linear Technology LTC2445 Datasheet HTML 26Page - Linear Technology LTC2445 Datasheet HTML 27Page - Linear Technology LTC2445 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC2444/LTC2445/
LTC2448/LTC2449
28
sn2444589 2444589fs
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 0304 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1025
Micropower Thermocouple Cold Junction Compensator
80µA Supply Current, 0.5°C Initial Accuracy
LTC1043
Dual Precision Instrumentation Switched Capacitor
Precise Charge, Balanced Switching, Low Power
Building Block
LTC1050
Precision Chopper Stabilized Op Amp
No External Components 5µV Offset, 1.6µVP-P Noise
LT1236A-5
Precision Bandgap Reference, 5V
0.05% Max, 5ppm/°C Drift
LT1461
Micropower Series Reference, 2.5V
0.04% Max, 3ppm/°C Max Drift
LTC1592
Ultraprecise 16-Bit SoftSpan
TM DAC
Six Programmable Output Ranges
LTC1655
16-Bit Rail-to-Rail Micropower DAC
±1LSB DNL, 600µA, Internal Reference, SO-8
LTC1799
Resistor Set SOT-23 Oscillator
Single Resistor Frequency Set
LTC2053
Rail-to-Rail Instrumentation Amplifier
10µV Offset with 50nV/°C Drift, 2.5µVP-P Noise 0.01Hz to 10Hz
LTC2412
2-Channel, Differential Input, 24-Bit, No Latency ∆Σ ADC
0.16ppm Noise, 2ppm INL, 200µA
LTC2415
1-Channel, Differential Input, 24-Bit, No Latency ∆Σ ADC
0.23ppm Noise, 2ppm INL, 2X Speed Up
LTC2414/LTC2418
4-/8-Channel, Differential Input, 24-Bit, No Latency ∆Σ ADC
0.2ppm Noise, 2ppm INL, 200µA
LTC2430/LTC2431
1-Channel, Differential Input, 20-Bit, No Latency ∆Σ ADC
0.56ppm Noise, 3ppm INL, 200µA
LTC2436-1
2-Channel, Differential Input, 16-Bit, No Latency ∆Σ ADC
800nVRMS Noise, 0.12LBS INL, 0.006LBS Offset, 200µA
LTC2440
1-Channel, Differential Input, High Speed/Low Noise,
2µVRMS Noise at 880Hz, 200nVRMS Noise at 6.9Hz,
24-Bit, No Latency ∆Σ ADC
0.0005% INL, Up to 3.5kHz Output Rate
SoftSpan is a trademark of Linear Technology Corporation.
TYPICAL APPLICATIO
–
+
–
+
5V
0V
1/2 LT1368
1/2 LT1368
1
2
3
4
5
6
7
8
HIGH
SPEED
∆Σ ADC
MUX
17
2444589 TA05
(EXTERNAL AMPLIFIERS)
LTC2449
CH0-CH15/
COM
SDI
SCK
SDO
CS
0.22µF
0.22µF
External Buffers Provide High Impedance Inputs
and Amplifier Offsets are Cancelled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com