Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2445 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2445
Description  24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2445 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2445 Datasheet HTML 12Page - Linear Technology LTC2445 Datasheet HTML 13Page - Linear Technology LTC2445 Datasheet HTML 14Page - Linear Technology LTC2445 Datasheet HTML 15Page - Linear Technology LTC2445 Datasheet HTML 16Page - Linear Technology LTC2445 Datasheet HTML 17Page - Linear Technology LTC2445 Datasheet HTML 18Page - Linear Technology LTC2445 Datasheet HTML 19Page - Linear Technology LTC2445 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC2444/LTC2445/
LTC2448/LTC2449
16
sn2444589 2444589fs
External Serial Clock, Single Cycle Operation
(SPI/MICROWIRE Compatible)
This timing mode uses an external serial clock to shift out
the conversion result and a CS signal to monitor and
control the state of the conversion cycle, see Figure 4.
The serial clock mode is selected by the EXT pin. To select
the external serial clock mode, EXT must be tied low.
The serial data output pin (SDO) is Hi-Z as long as CS is
HIGH. At any time during the conversion cycle, CS may be
pulled LOW in order to monitor the state of the converter.
While CS is pulled LOW, EOC is output to the SDO pin.
EOC = 1 (BUSY = 1) while a conversion is in progress and
EOC = 0 (BUSY = 0) if the device is in the sleep state.
Independent of CS, the device automatically enters the low
power sleep state once the conversion is complete.
When the device is in the sleep state (EOC = 0), its
conversion result is held in an internal static shift regis-
ter. The device remains in the sleep state until the first
rising edge of SCK is seen. Data is shifted out the SDO pin
on each falling edge of SCK. This enables external circuitry
to latch the output on the rising edge of SCK. EOC can be
latched on the first rising edge of SCK and the last bit of
the conversion result can be latched on the 32nd rising
edge of SCK. On the 32nd falling edge of SCK, the device
begins a new conversion. SDO goes HIGH (EOC = 1) and
BUSY goes HIGH indicating a conversion is in progress.
At the conclusion of the data cycle, CS may remain LOW
and EOC monitored as an end-of-conversion interrupt.
Alternatively, CS may be driven HIGH setting SDO to Hi-Z
and BUSY monitored for the completion of a conversion.
Figure 4. External Serial Clock, Single Cycle Operation
MSB
BIT 28 BIT 27 BIT 26 BIT 25 BIT 24 BIT 23 BIT 22 BIT 21
BIT 20 BIT 19
BIT 0
LSB
Hi-Z
2444 F05
SIG
BIT 29
“0”
BIT 30
EOC
Hi-Z
CS
SCK
(EXTERNAL)
SDI
SDO
BUSY
BIT 31
1
0
EN
SGL
A2
A1
A0
OSR3
OSR2
OSR1
OSR0
TWOX
ODD
12345
6
7
89
10
11
12
13
14
32
CONVERSION
SLEEP
DATA OUTPUT
CONVERSION
TEST EOC
TEST EOC
VCC
FO
REF+
REF–
CH0
CH7
CH8
CH15
COM
SCK
SDI
SDO
CS
GND
28
35
29
30
8
15
16
23
7
38
37
1,4,5,6,31,32,33
36
34
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
2
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
1µF
2.7V TO 5.5V
LTC2448
4-WIRE
SPI INTERFACE
•
•
•
•
•
•
•
•
•
•
•
•
BUSY
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com