Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2445 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2445
Description  24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2445 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2445 Datasheet HTML 11Page - Linear Technology LTC2445 Datasheet HTML 12Page - Linear Technology LTC2445 Datasheet HTML 13Page - Linear Technology LTC2445 Datasheet HTML 14Page - Linear Technology LTC2445 Datasheet HTML 15Page - Linear Technology LTC2445 Datasheet HTML 16Page - Linear Technology LTC2445 Datasheet HTML 17Page - Linear Technology LTC2445 Datasheet HTML 18Page - Linear Technology LTC2445 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC2444/LTC2445/
LTC2448/LTC2449
15
sn2444589 2444589fs
Speed Multiplier Mode
In addition to selecting the speed/resolution, a speed
multiplier mode is used to double the output rate while
maintaining the selected resolution. The last bit of the 5-bit
speed/resolution control word (TWOX, see Table 5) deter-
mines if the output rate is 1X (no speed increase) or 2X
(double the selected speed).
While operating in the 1X mode, the device combines two
internal conversions for each conversion result in order to
remove the ADC offset. Every conversion cycle, the offset
and offset drift are transparently calibrated greatly simpli-
fying the user interface. The resulting conversion result
has no latency. The first conversion following a newly
selected speed/resolution and input channel is valid. This
is identical to the operation of the LTC2440, LTC2414 and
LTC2418.
While operating in the 2X mode, the device performs a
running average of the last two conversion results. This
automatically removes the offset and drift of the device
while increasing the output rate by 2X. The resolution
(noise) remains the same. If a new channel is selected, the
conversion result is valid for all conversions after the first
conversion (one cycle latency). If a new speed/resolution
is selected, the first conversion result is valid but the
resolution (noise) is a function of the running average. All
subsequent conversion results are valid. If the mode is
changed from either 1X to 2X or 2X to 1X without changing
the resolution or channel, the first conversion result is
valid.
If an external buffer/amplifier circuit is used for the
LTC2445/LTC2449, the 2X mode can be used to increase
the settling time of the amplifier between readings. While
operating in the 2X mode, the multiplexer output (input to
the external buffer/amplifier) is switched at the end of each
conversion cycle. Prior to concluding the data out/in cycle,
the analog multiplexer output is switched. This occurs at
the end of the conversion cycle (just prior to the data
output cycle) for auto calibration. The time required to
read the conversion enables more settling time for the
external buffer/amplifier. The offset/offset drift of the
external amplifier is automatically removed by the
converter’s auto calibration sequence for both the 1X and
2X speed modes.
While operating in the 1X mode, if a new input channel is
selected the multiplexer is switched on the falling edge of
the 14th SCK (once the complete data input word is
programmed). The remaining data output sequence time
can be used to allow the external buffer/amplifier to settle.
BUSY
The BUSY output (Pin 2) is used to monitor the state of
conversion, data output and sleep cycle. While the part is
converting, the BUSY pin is HIGH. Once the conversion is
complete, BUSY goes LOW indicating the conversion is
complete and data out is ready. The part now enters the
LOW power sleep state. BUSY remains LOW while data is
shifted out of the device and SDI is shifted into the device.
It goes HIGH at the conclusion of the data input/output
cycle indicating a new conversion has begun. This rising
edge may be used to flag the completion of the data read
cycle.
SERIAL INTERFACE TIMING MODES
The LTC2444/LTC2445/LTC2448/LTC2449’s 3- or 4-wire
interface is SPI and MICROWIRE compatible. This inter-
face offers several flexible modes of operation. These in-
clude internal/external serial clock, 3- or 4-wire I/O, single
cycle conversion and autostart. The following sections
describe each of these serial interface timing modes in
detail. In all these cases, the converter can use the internal
oscillator (FO = LOW) or an external oscillator connected
to the FO pin. Refer to Table 6 for a summary.
Table 6. LTC2444/LTC2445/LTC2448/LTC2449 Interface Timing Modes
Conversion
Data
Connection
SCK
Cycle
Output
and
Configuration
Source
Control
Control
Waveforms
External SCK, Single Cycle Conversion
External
CS and SCK
CS and SCK
Figures 4, 5
External SCK, 2-Wire I/O
External
SCK
SCK
Figure 6
Internal SCK, Single Cycle Conversion
Internal
CS ↓
CS ↓
Figures 7, 8
Internal SCK, 2-Wire I/O, Continuous Conversion
Internal
Continuous
Internal
Figure 9
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com