Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2445 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2445
Description  24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2445 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2445 Datasheet HTML 20Page - Linear Technology LTC2445 Datasheet HTML 21Page - Linear Technology LTC2445 Datasheet HTML 22Page - Linear Technology LTC2445 Datasheet HTML 23Page - Linear Technology LTC2445 Datasheet HTML 24Page - Linear Technology LTC2445 Datasheet HTML 25Page - Linear Technology LTC2445 Datasheet HTML 26Page - Linear Technology LTC2445 Datasheet HTML 27Page - Linear Technology LTC2445 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC2444/LTC2445/
LTC2448/LTC2449
24
sn2444589 2444589fs
APPLICATIO S I FOR ATIO
SLEEP
CONVERT
SLEEP
CONVERT
SLEEP
8µA
2440 F15
8mA
8µA
8mA
8µA
DATA
OUT
DATA
OUT
CONVERTER
STATE
SUPPLY
CURRENT
CS
Figure 14. Reduced Power Timing Mode
VREF+
VIN+
VCC
RSW (TYP)
500Ω
ILEAK
ILEAK
VCC
ILEAK
ILEAK
VCC
RSW (TYP)
500Ω
CEQ
5pF
(TYP)
(CEQ = 2pF
SAMPLE CAP
+ PARASITICS)
RSW (TYP)
500Ω
ILEAK
IIN+
VIN–
IIN–
IREF+
IREF–
2440 F16
ILEAK
VCC
ILEAK
ILEAK
SWITCHING FREQUENCY
fSW = 1.8MHz INTERNAL OSCILLATOR
fSW = fEOSC/5 EXTERNAL OSCILLATOR
VREF–
RSW (TYP)
500Ω
MUX
MUX
Figure 15. LTC2444/LTC2448 Input Structure
Reduced Power Operation
In addition to adjusting the speed/resolution of the
LTC2444/LTC2445/LTC2448/LTC2449, the speed/reso-
lution/power dissipation may also be adjusted using the
automatic sleep mode. During the conversion cycle, the
LTC2444/LTC2445/LTC2448/LTC2449 draw 8mA supply
current independent of the programmed speed. Once the
conversion cycle is completed, the device automatically
enters a low power sleep state drawing 8µA. The device
remains in this state as long as CS is HIGH and data is not
shifted out. By adjusting the duration of the sleep state
(hold CS HIGH longer) and the duration of the conversion
cycle (programming OSR) the DC power dissipation can
be reduced, see Figure 14.
Average Input Current
The LTC2444/LTC2448 switch the input and reference to
a 2pF capacitor at a frequency of 1.8MHz. A simplified
equivalent circuit is shown in Figure 15. The sample
capacitor for the LTC2445/LTC2449 is 4pF, and its aver-
age input current is externally buffered from the input
source.
The average input and reference currents can be ex-
pressed in terms of the equivalent input resistance of the
sample capacitor, where: Req = 1/(fSW • Ceq)
When using the internal oscillator, fSW is 1.8MHz and the
equivalent resistance is approximately 110kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com