Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2445 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2445
Description  24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2445 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2445 Datasheet HTML 18Page - Linear Technology LTC2445 Datasheet HTML 19Page - Linear Technology LTC2445 Datasheet HTML 20Page - Linear Technology LTC2445 Datasheet HTML 21Page - Linear Technology LTC2445 Datasheet HTML 22Page - Linear Technology LTC2445 Datasheet HTML 23Page - Linear Technology LTC2445 Datasheet HTML 24Page - Linear Technology LTC2445 Datasheet HTML 25Page - Linear Technology LTC2445 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC2444/LTC2445/
LTC2448/LTC2449
22
sn2444589 2444589fs
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
47
–140
–130
–120
–110
–100
51
55
59
63
2440 F12
–90
–80
49
53
57
61
Figure 11. LTC2444/LTC2445/LTC2448/LTC2449
Normal Mode Rejection (Internal Oscillator)
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0
–60
–40
0
180
2440 F11
–80
–100
60
120
240
–120
–140
–20
SINC4 ENVELOPE
Figure 10. LTC2444/LTC2445/LTC2448/LTC2449
Normal Mode Rejection (Internal Oscillator)
APPLICATIO S I FOR ATIO
Table 7. OSR vs Notch Frequency (fN) (with Internal Oscillator
Running at 9MHz)
OSR
NOTCH (fN)
64
28.16kHz
128
14.08kHz
256
7.04kHz
512
3.52kHz
1024
1.76kHz
2048
880Hz
4096
440Hz
8192
220Hz
16384
110Hz
32768*
55Hz
*Simultaneous 50/60Hz rejection
Normal Mode Rejection and Antialiasing
One of the advantages delta-sigma ADCs offer over con-
ventional ADCs is on-chip digital filtering. Combined with
a large oversampling ratio, the LTC2444/LTC2445/
LTC2448/LTC2449 significantly simplify antialiasing filter
requirements.
The LTC2444/LTC2445/LTC2448/LTC2449’s speed/reso-
lution is determined by the over sample ratio (OSR) of the
on-chip digital filter. The OSR ranges from 64 for 3.5kHz
output rate to 32,768 for 6.9Hz (in No Latency mode)
output rate. The value of OSR and the sample rate fS
determine the filter characteristics of the device. The first
NULL of the digital filter is at fN and multiples of fN where
fN = fS/OSR, see Figure 10 and Table 7. The rejection at the
frequency fN ±14% is better than 80dB, see Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com