Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2445 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2445
Description  24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2445 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2445 Datasheet HTML 13Page - Linear Technology LTC2445 Datasheet HTML 14Page - Linear Technology LTC2445 Datasheet HTML 15Page - Linear Technology LTC2445 Datasheet HTML 16Page - Linear Technology LTC2445 Datasheet HTML 17Page - Linear Technology LTC2445 Datasheet HTML 18Page - Linear Technology LTC2445 Datasheet HTML 19Page - Linear Technology LTC2445 Datasheet HTML 20Page - Linear Technology LTC2445 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC2444/LTC2445/
LTC2448/LTC2449
17
sn2444589 2444589fs
As described above, CS may be pulled LOW at any time in
order to monitor the conversion status on the SDO pin.
Typically, CS remains LOW during the data output state.
However, the data output state may be aborted by pulling
CS HIGH anytime between the fifth falling edge and the
32nd falling edge of SCK, see Figure 5. On the rising edge
of CS, the device aborts the data output state and imme-
diately initiates a new conversion. Thirteen serial input
data bits are required in order to properly program the
speed/resolution and input channel. If the data output
APPLICATIO S I FOR ATIO
Figure 5. External Serial Clock, Reduced Output Data Length
CS
SCK
(EXTERNAL)
SDI
SDO
BUSY
12345
6
15
MSB
BIT 28 BIT 27 BIT 26 BIT 25
SIG
BIT 29
“0”
BIT 30
EOC
Hi-Z
Hi-Z
BIT 31
2444 F06
CONVERSION
SLEEP
SLEEP
DATA OUTPUT
DATA OUTPUT
CONVERSION
CONVERSION
TEST EOC
DON'T CARE
DON'T CARE
VCC
FO
REF+
REF–
CH0
CH7
CH8
CH15
COM
SCK
SDI
SDO
CS
GND
28
35
29
30
8
15
16
23
7
38
37
1,4,5,6,31,32,33
36
34
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
2
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
1µF
2.7V TO 5.5V
LTC2448
4-WIRE
SPI INTERFACE
•
•
•
•
•
•
•
•
•
•
•
•
BUSY
DON'T CARE
sequence is aborted prior to the 13th rising edge of SCK,
the new input data is ignored, and the previously selected
speed/resolution and channel are used for the next con-
version cycle. This is useful for systems not requiring all
32 bits of output data, aborting an invalid conversion
cycle or synchronizing the start of a conversion. If a new
channel is being programmed, the rising edge of CS must
come after the 14th falling edge of SCK in order to store
the data input sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com