Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M63154AFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M63154AFP
Description  3-PHASE BRUSHLESS MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63154AFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M63154AFP Datasheet HTML 1Page - Renesas Technology Corp M63154AFP Datasheet HTML 2Page - Renesas Technology Corp M63154AFP Datasheet HTML 3Page - Renesas Technology Corp M63154AFP Datasheet HTML 4Page - Renesas Technology Corp M63154AFP Datasheet HTML 5Page - Renesas Technology Corp M63154AFP Datasheet HTML 6Page - Renesas Technology Corp M63154AFP Datasheet HTML 7Page - Renesas Technology Corp M63154AFP Datasheet HTML 8Page - Renesas Technology Corp M63154AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
M63154AFP
Rev.1.0, Sep.16.2003, page 5 of 15
Electrical Characteristics
(Ta=25°C, Vcc=24V unless otherwise noted )
LIMITS
SYMBOL
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Icc
Supply current
—
22.0
30.0
mA
Ips
Power save current
—
300
600
µA
VSAT
Saturation voltage
at load current 800mA
total of top and bottom
side
—2.2
3.3
V
GIO
Control gain
0.425
0.5
0.575
V/V
VHA2
Hall sensor amp.
common mode input
range
1.5
Vcc-2
V
VHA3
Hall sensor amp.
input signal level
100
—
—
mVpp
IHA
Hall sensor amp.input
current
—0.5
4.0
µA
VREF
Reference voltage input
range
1.5
—
4.2
V
VCTLin
Speed control voltage
input range
0—
5.5
V
IACCH
ACC terminal input
current-H
ACC=5V
-1.0
—
+1.0
µA
IACCL
ACC terminal input
current-L
ACC=0V
-50
-10
—
µA
IDECH
DEC terminal input
current-H
DEC=5V
—
250
500
µA
IDECL
DEC terminal input
current-L
DEC=0V
-50
-10
—
µA
VTACC
ACC terminal threshold
voltage
0.8
1.4
2.0
V
VTDEC
DEC terminal threshold
voltage
0.8
1.4
2.0
V
TCPin
acceleration and
deceleration minimum
pulse width
Minimum pulse width on
the
ACC and DEC pins
that sets up the sink or
source for the
accelerating or
decelerating current
(
±220 µA).
200
-
-
ns
ISS
Output current at
acceleration mode
ACC=L, DEC=H,
VCTL=2V,
RCP-GND=12.5k
Ω
-220
-200
-180
µA
ISD
at deceleration mode
Output current
ACC=H, DEC=L,
VCTL=2V,
RCP-GND=12.5k
Ω
180
200
220
µA
ICTL
VCTL terminal input
current-L
ACC=DEC=HorL,
VCTL=3V
-50
0
50
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com