Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M63154AFP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M63154AFP
Description  3-PHASE BRUSHLESS MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63154AFP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M63154AFP Datasheet HTML 8Page - Renesas Technology Corp M63154AFP Datasheet HTML 9Page - Renesas Technology Corp M63154AFP Datasheet HTML 10Page - Renesas Technology Corp M63154AFP Datasheet HTML 11Page - Renesas Technology Corp M63154AFP Datasheet HTML 12Page - Renesas Technology Corp M63154AFP Datasheet HTML 13Page - Renesas Technology Corp M63154AFP Datasheet HTML 14Page - Renesas Technology Corp M63154AFP Datasheet HTML 15Page - Renesas Technology Corp M63154AFP Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
M63154AFP
Rev.1.0, Sep.16.2003, page 12 of 15
CHARGE PUMP FUNCTION
ACC
ACC
ACC
ACC
DEC
DEC
DEC
DEC
VCTL(CPout)
output current
Function
H(5V)
H(5V)
0
µAHold
H(5V)
L(0V)
-200
µA
Deceleration
L(0V)
H(5V)
+200
µA
Acceleration
L(0V)
L(0V)
0
µAHold
[Timing chart]
/ACC
/DEC
5V
5V
0V
0V
VCTL
(CPout)
-200uA
+200uA
0
OSCC Connecta Output Voltage Function
The OFF time of the current-chopper is determined by the capacitance connected to the OSCC pin and the resistance
connected to the OSCR pin. The calculation is as follows:
Toff = 0.9 [V] x C [F] / (1.25 [V] / 2R [k
Ω]
OSCC
0.0V
1.00V
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com