Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M63154AFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M63154AFP
Description  3-PHASE BRUSHLESS MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63154AFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M63154AFP Datasheet HTML 2Page - Renesas Technology Corp M63154AFP Datasheet HTML 3Page - Renesas Technology Corp M63154AFP Datasheet HTML 4Page - Renesas Technology Corp M63154AFP Datasheet HTML 5Page - Renesas Technology Corp M63154AFP Datasheet HTML 6Page - Renesas Technology Corp M63154AFP Datasheet HTML 7Page - Renesas Technology Corp M63154AFP Datasheet HTML 8Page - Renesas Technology Corp M63154AFP Datasheet HTML 9Page - Renesas Technology Corp M63154AFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
M63154AFP
Rev.1.0, Sep.16.2003, page 6 of 15
Electrical Characteristics
(Ta=25°C, Vcc=24V unless otherwise noted)
LIMITS
SYMBOL
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VREF
VREF output voltage
VREF=0A
2.0
2.5
3.0
V
VLIMIT
LIMIT output voltage
LIMIT=0A
2.7
3.4
4.1
V
VLIMIT2
LIMIT output voltage
VCC-RS voltage when
VREF=LIMIT=OPEN
405
450
495
mV
VLIMIT3
LIMIT output voltage
VCC-RS voltage when VREF=OPEN,
LIMIT=5V
540
600
660
mV
ILIMIT2
LIMIT output current
VREF=OPEN, LIMIT=OPEN VCC-RS
=0.5
Ω
810
900
980
mA
ILIMIT3
LIMIT output current
VREF=OPEN, LIMIT=5V VCC-RS
=0.5
Ω
1.08
1.20
1.32
A
VFGL
FGout output voltage at
"Lo" function
Load current I=5mA
—
—
0.6
V
VGREF
FG Amp &Comp.
reference voltage
Voltage on the Amp.out pin when
shorted to the FG+ pin.
2.35
2.50
2.65
V
FGIN
FG +voltage input range
Voltage on the Amp.out pin when
shorted to the FG+ pin.
1.0
—
5.5
V
AV
FG Amp. voltage gain
External resistors: 1.8 k
Ω, 56 kΩ
29.5
31.1
32.7
times
AV20K
FG Amp. voltage gain at
20kHz
No load on Amp.out.
Voltage gain of the signal on Amp.out
pin for an input 50-mVpp, 20-kHz AC
signal on FG+. External resistors: 1.8
k
Ω, 56 kΩ
22
27.6
32.7
times
VAmpout
Ampout voltage output
range
1.0
—
5.2
V
IAmpout
Ampout sink current
Aout<=1.0V
4.0
—
—
mA
IFGout
FGout sink current
FGout<=1.0V
4.0
—
—
mA
HisH
FG Comp. high-side
hysteresis voltage
Given a rising external voltage on
Amp.out and VthH as the voltage at
which FGout switches from high to low,
hysteresis voltage HysH is defined as
VthH-FGref. Voltage on FGin is 1 V
(external resistors: 1.8 k
Ω, 56 kΩ).
10.5
28.5
50.5
mV
HisL
FG Comp. Lo-side
hysteresis voltage
Given a falling external voltage on
Ampout and VthL as the voltage at
which FGout switches from high to low,
hysteresis voltage HysL is defined as
FGref-VthL. Voltage on FGin is 1 V
(external resistors: 1.8 k
Ω, 56 kΩ).
10.5
28.5
50.5
mV
FGduty
FGComp. Duty 30kHz
Duty cycle of signal on FGout when a
50-mVpp, 30-kHz AC signal is input to
FGin. External resistors: 1.8 k
Ω, 56 kΩ.
40
50
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com