Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M63154AFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M63154AFP
Description  3-PHASE BRUSHLESS MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63154AFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M63154AFP Datasheet HTML 3Page - Renesas Technology Corp M63154AFP Datasheet HTML 4Page - Renesas Technology Corp M63154AFP Datasheet HTML 5Page - Renesas Technology Corp M63154AFP Datasheet HTML 6Page - Renesas Technology Corp M63154AFP Datasheet HTML 7Page - Renesas Technology Corp M63154AFP Datasheet HTML 8Page - Renesas Technology Corp M63154AFP Datasheet HTML 9Page - Renesas Technology Corp M63154AFP Datasheet HTML 10Page - Renesas Technology Corp M63154AFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
M63154AFP
Rev.1.0, Sep.16.2003, page 7 of 15
Electrical Characteristics
(Ta=25°C, Vcc=24V unless otherwise noted )
LIMITS
SYMBOL
PARAMETERS
REMARK
MIN.
TYP.
MAX.
UNIT
Toff
OFF Timer
OSCR=12.5k
Ω,
OSCC=1000pF
10
18
25
µsec
Confirmend Parameters At Es Evaluation
LIMITS
SYMBOL
PARAMETERS
REMARK
MIN.
TYP.
MAX.
UNIT
TSD
Protection temperature
145
160
175
°C
∆T
Temperature hysteresis
15
30
45
°C
This devise does not guarantee the electrical function above TSD function temperature range.
The function is guaranteed under maximum junction temperature that is regulated in the
Absolute Maximum Rating, so TSD function is a protection circuit for unusual Tj when this devise is used over Tj
150°C.
Therefore, this devise must function under Tj maximum 150°C condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com