Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M63154AFP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M63154AFP
Description  3-PHASE BRUSHLESS MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63154AFP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M63154AFP Datasheet HTML 1Page - Renesas Technology Corp M63154AFP Datasheet HTML 2Page - Renesas Technology Corp M63154AFP Datasheet HTML 3Page - Renesas Technology Corp M63154AFP Datasheet HTML 4Page - Renesas Technology Corp M63154AFP Datasheet HTML 5Page - Renesas Technology Corp M63154AFP Datasheet HTML 6Page - Renesas Technology Corp M63154AFP Datasheet HTML 7Page - Renesas Technology Corp M63154AFP Datasheet HTML 8Page - Renesas Technology Corp M63154AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
M63154AFP
Rev.1.0, Sep.16.2003, page 3 of 15
Pin Function
TERMINAL
SYMBOL
TERMINAL FUNCTION
TERMINAL
SYMBOL
TERMINAL FUNCTION
1
Vcc
Power supply
19
FGout
FG comparator output
2
RS
Current sense
20
Amp.out
FG amp. output
3
FLT
Connect to application of filter
21
FG+
FG signal input (+)
4
B1
Short brake switch
22
FG-
FG signal input (-)
5
PS
Power save signal input
23
OSCC
OFF Timer setup -1
6
U
Motor phase U output
24
OSCV
OFF Timer setup -2
7
V
Motor phase V output
25
SGND
GND
8 to 11
26 to 29
GND
Power GND
30
RCP
Charge pump output current
setup term.
12
W
Motor phase W output
31
DEC
Deceleration signal input
13
Hu+
Hall sensor signal input
(U phase +)
32
ACC
Acceleration signal input
14
Hu-
Hall sensor signal input
(U phase -)
33
VCTL
Motor speed control voltage
input
15
Hv+
Hall sensor signal input
(V phase +)
34
VREF
Reference voltage input
16
Hv-
Hall sensor signal input
(V phase -)
35
LIMIT
Current limit set up terminal
17
Hw+
Hall sensor signal input
(W phase +)
36
N.C.
N.C
18
Hw-
Hall sensor signal input
(W phase -)
Absolute Maximum Rating (Ta=25°C)
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
Vcc
Power supply
30.0
V
Io
Motor output current
1.35
A /PHASE
Pt
Power dissipation
Free Air
1.2
W
K
θ
Thermal derating
Free Air
9.6
mW/°C
Tj
Junction temperature
150
°C
Topr
Operating
temperature
-10 to 75
°C
Tstg
Storage temperature
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com