Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M63154AFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M63154AFP
Description  3-PHASE BRUSHLESS MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63154AFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M63154AFP Datasheet HTML 1Page - Renesas Technology Corp M63154AFP Datasheet HTML 2Page - Renesas Technology Corp M63154AFP Datasheet HTML 3Page - Renesas Technology Corp M63154AFP Datasheet HTML 4Page - Renesas Technology Corp M63154AFP Datasheet HTML 5Page - Renesas Technology Corp M63154AFP Datasheet HTML 6Page - Renesas Technology Corp M63154AFP Datasheet HTML 7Page - Renesas Technology Corp M63154AFP Datasheet HTML 8Page - Renesas Technology Corp M63154AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev.1.0, Sep.16.2003, page 1 of 15
M63154AFP
3-PHASE BRUSHLESS MOTOR DRIVER
REJ03F0025-0100Z
Rev.1.0
Sep.16.2003
Description
M63154AFP is a semiconductor integrated circuit designedfor 3 phase brush less motor driver.
Also, this device has the PWM control system for Spindle.
Therefore this device is low power dissipation
This device is good for high rotation motor.
Features
• This IC has PWM output function.
Therefore, this IC is low power dissipation.
• Hall-sensor motor drive function.
• Built-in Thermal Shut Down circuit.
Application
LBP etc.
25
26
27
28
29
30
31
32
33
34
35
20
21
22
23
24
36
19
1
18
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
PIN CONFIGURATION (TOP VIEW)
Package: 36pin SSOP
VCC
RS
FLT
B1
PS
U
V
GND
GND
GND
GND
W
HU+
HU-
HV+
HV-
HW+
HW-
FGout
Amp.out
FG+
FG-
OSCC
OSCV
SGND
GND
GND
GND
GND
RCP
/DEC
/ACC
VCTL
VREF
LIMIT
N.C.


Similar Part No. - M63154AFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M63151FP RENESAS-M63151FP Datasheet
355Kb / 14P
Polygon Scanner Motor Driver (DMOS Driver)
M63155FP RENESAS-M63155FP Datasheet
847Kb / 41P
3 PHASE BRUSHLESS MOTOR CONTROLLER
More results

Similar Description - M63154AFP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
3-Phase Brushless Motor Driver
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
3-Phase Brushless Motor Driver???
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
3-Phase Brushless Motor Driver???
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
3-Phase Brushless Motor Driver????
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
3-Phase Brushless Motor Driver????
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
3-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
3-Phase Brushless Motor Driver
logo
ON Semiconductor
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
3-phase Brushless Motor Driver
November 2014 - Rev. 1
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
3-phase Brushless Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com