Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M63154AFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M63154AFP
Description  3-PHASE BRUSHLESS MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63154AFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M63154AFP Datasheet HTML 7Page - Renesas Technology Corp M63154AFP Datasheet HTML 8Page - Renesas Technology Corp M63154AFP Datasheet HTML 9Page - Renesas Technology Corp M63154AFP Datasheet HTML 10Page - Renesas Technology Corp M63154AFP Datasheet HTML 11Page - Renesas Technology Corp M63154AFP Datasheet HTML 12Page - Renesas Technology Corp M63154AFP Datasheet HTML 13Page - Renesas Technology Corp M63154AFP Datasheet HTML 14Page - Renesas Technology Corp M63154AFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
M63154AFP
Rev.1.0, Sep.16.2003, page 11 of 15
VCTL vs Io Characteristics-1
VREF
VCTL(V)
Io(A)
VLIMIT
GIO
current limit
Drive Mode Function
B1
Function
H
Reverse (right turn)
L or open
Forward (left turn) / short brake
Note:
When the B1 pin of the M63154AFP is set low or left open-circuit, short braking operation is applied to the
M63154AFP when the motor is turned off. When the B1 pin is fixed high (5 V), this operation is not applied. For
directions of rotation in the table at left, see the timing chart on page 12.
B1
VREF
VCTL
Function
(DRIVE MODE)
Reverse
OFF
(Free Run)
H:5V
L:0V
(right turn)
Short Brake
Forward
(left turn)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com