Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4040 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC4040
Description  12-stage binary ripple counter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4040 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC4040 Datasheet HTML 1Page - NXP Semiconductors 74HC4040 Datasheet HTML 2Page - NXP Semiconductors 74HC4040 Datasheet HTML 3Page - NXP Semiconductors 74HC4040 Datasheet HTML 4Page - NXP Semiconductors 74HC4040 Datasheet HTML 5Page - NXP Semiconductors 74HC4040 Datasheet HTML 6Page - NXP Semiconductors 74HC4040 Datasheet HTML 7Page - NXP Semiconductors 74HC4040 Datasheet HTML 8Page - NXP Semiconductors 74HC4040 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
74HC_HCT4040_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 14 September 2005
5 of 24
Philips Semiconductors
74HC4040; 74HCT4040
12-stage binary ripple counter
7.2 Pin description
8.
Functional description
8.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
↑ = LOW-to-HIGH clock transition;
↓ = HIGH-to-LOW clock transition.
Table 3:
Pin description
Symbol
Pin
Description
Q11
1
output 11
Q5
2
output 5
Q4
3
output 4
Q6
4
output 6
Q3
5
output 3
Q2
6
output 2
Q1
7
output 1
GND
8
ground (0 V)
Q0
9
output 0
CP
10
clock input (HIGH-to-LOW, edge-triggered)
MR
11
master reset input (active HIGH)
Q8
12
output 8
Q7
13
output 7
Q9
14
output 9
Q10
15
output 10
VCC
16
positive supply voltage
Table 4:
Function table
Input
Output
CP
MR
Q0 to Q11
↑
L
no change
↓
L
count
XH
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com