Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4040 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC4040
Description  12-stage binary ripple counter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4040 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC4040 Datasheet HTML 1Page - NXP Semiconductors 74HC4040 Datasheet HTML 2Page - NXP Semiconductors 74HC4040 Datasheet HTML 3Page - NXP Semiconductors 74HC4040 Datasheet HTML 4Page - NXP Semiconductors 74HC4040 Datasheet HTML 5Page - NXP Semiconductors 74HC4040 Datasheet HTML 6Page - NXP Semiconductors 74HC4040 Datasheet HTML 7Page - NXP Semiconductors 74HC4040 Datasheet HTML 8Page - NXP Semiconductors 74HC4040 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1.
General description
The 74HC4040; 74HCT4040 are high-speed Si-gate CMOS devices and are pin
compatible with the HEF4040B series. They are specified in compliance with JEDEC
standard no. 7A.
The 74HC4040; 74HCT4040 are 12-stage binary ripple counters with a clock input (CP),
an overriding asynchronous master reset input (MR) and twelve parallel outputs (Q0 to
Q11). The counter advances on the HIGH-to-LOW transition of CP.
A HIGH on MR clears all counter stages and forces all outputs LOW, independent of the
state of CP.
Each counter stage is a static toggle flip-flop.
2.
Features
s Multiple package options
s Complies with JEDEC standard no. 7A
s ESD protection:
x HBM JESD22-A114-C exceeds 2000 V
x MM JESD22-A115-A exceeds 200 V
s Specified from
−40 °Cto+85 °C and from −40 °C to +125 °C
3.
Applications
s Frequency dividing circuits
s Time delay circuits
s Control counters
4.
Quick reference data
74HC4040; 74HCT4040
12-stage binary ripple counter
Rev. 03 — 14 September 2005
Product data sheet
Table 1:
Quick reference data
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Type 74HC4040
tPHL, tPLH
propagation delay
CP to Q0
CL = 15 pF; VCC = 5 V
-
14
-
ns
Qn to Qn+1
CL = 15 pF; VCC =5V
-
8
-
ns


Similar Part No. - 74HC4040

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4040 NEXPERIA-74HC4040 Datasheet
275Kb / 16P
12-stage binary ripple counter
Rev. 7 - 26 May 2021
logo
Silicon Supplies
74HC4040 SS-74HC4040 Datasheet
1Mb / 7P
High Speed CMOS Logic
Rev 1.0 15/09/25
logo
NXP Semiconductors
74HC4040 NXP-74HC4040 Datasheet
160Kb / 18P
12-stage binary ripple counter
Rev. 5 - 3 February 2016
logo
Nexperia B.V. All right...
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
12-stage binary ripple counter
74HC4040BQ NEXPERIA-74HC4040BQ Datasheet
275Kb / 16P
12-stage binary ripple counter
Rev. 7 - 26 May 2021
More results

Similar Description - 74HC4040

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
NXP Semiconductors
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
12-stage binary ripple counter
1998 Jun 23
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
12-Stage Binary Ripple Counter
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
12-STAGE BINARY RIPPLE COUNTER
logo
ON Semiconductor
MC74AC4040 ONSEMI-MC74AC4040_15 Datasheet
73Kb / 6P
12-Stage Binary Ripple Counter
March, 2015 ??Rev. 8
MC74HC4040A ONSEMI-MC74HC4040A_14 Datasheet
123Kb / 8P
12-Stage Binary Ripple Counter
August, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
12-stage binary ripple counter
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
12-stage binary ripple counter
HEF4040B NEXPERIA-HEF4040B Datasheet
211Kb / 11P
12-stage binary ripple counter
Rev. 10 - 7 December 2021
74HCT4040 NEXPERIA-74HCT4040 Datasheet
275Kb / 16P
12-stage binary ripple counter
Rev. 7 - 26 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com