Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4040 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC4040
Description  12-stage binary ripple counter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4040 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC4040 Datasheet HTML 1Page - NXP Semiconductors 74HC4040 Datasheet HTML 2Page - NXP Semiconductors 74HC4040 Datasheet HTML 3Page - NXP Semiconductors 74HC4040 Datasheet HTML 4Page - NXP Semiconductors 74HC4040 Datasheet HTML 5Page - NXP Semiconductors 74HC4040 Datasheet HTML 6Page - NXP Semiconductors 74HC4040 Datasheet HTML 7Page - NXP Semiconductors 74HC4040 Datasheet HTML 8Page - NXP Semiconductors 74HC4040 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
74HC_HCT4040_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 14 September 2005
3 of 24
Philips Semiconductors
74HC4040; 74HCT4040
12-stage binary ripple counter
6.
Functional diagram
74HCT4040DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads; body
width 5.3 mm
SOT338-1
74HCT4040PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74HCT4040BQ
−40 °C to +125 °C
DHVQFN16 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 16 terminals;
body 2.5
× 3.5 × 0.85 mm
SOT763-1
Table 2:
Ordering information …continued
Type number
Package
Temperature range
Name
Description
Version
Fig 1.
Functional diagram
Fig 2.
Logic symbol
Fig 3.
IEC logic symbol
001aad589
12-STAGE COUNTER
9
Q0
7
Q1
6
Q2
5
Q3
3
Q4
2
Q5
4
Q6
13
Q7
12
Q8
14
Q9
15
Q10
1
Q11
10
11
T
CD
MR
CP
001aad585
Q0
9
11
MR
10
CP
Q1
7
Q2
6
Q3
5
Q4
3
Q5
2
Q6
4
Q7
13
Q8
12
Q9
14
Q10
15
Q11
1
001aad586
09
11
CT = 0
+
10
CTR12
CT
7
6
5
3
2
4
13
12
14
15
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com