Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4040 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC4040
Description  12-stage binary ripple counter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4040 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC4040 Datasheet HTML 9Page - NXP Semiconductors 74HC4040 Datasheet HTML 10Page - NXP Semiconductors 74HC4040 Datasheet HTML 11Page - NXP Semiconductors 74HC4040 Datasheet HTML 12Page - NXP Semiconductors 74HC4040 Datasheet HTML 13Page - NXP Semiconductors 74HC4040 Datasheet HTML 14Page - NXP Semiconductors 74HC4040 Datasheet HTML 15Page - NXP Semiconductors 74HC4040 Datasheet HTML 16Page - NXP Semiconductors 74HC4040 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
74HC_HCT4040_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 14 September 2005
13 of 24
Philips Semiconductors
74HC4040; 74HCT4040
12-stage binary ripple counter
[1]
CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑(CL × VCC2 × fo) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in V.
Tamb = −40 °C to +125 °C
tPHL, tPLH
propagation delay CP to Q0
see Figure 8
VCC = 2.0 V; CL = 50 pF
-
-
225
ns
VCC = 4.5 V; CL =50pF
-
-
45
ns
VCC = 6.0 V; CL =50pF
-
-
38
ns
propagation delay Qn to Qn+1
see Figure 8
VCC = 2.0 V; CL = 50 pF
-
-
150
ns
VCC = 4.5 V; CL =50pF
-
-
30
ns
VCC = 6.0 V; CL =50pF
-
-
26
ns
tPHL
propagation delay MR to Qn
see Figure 8
VCC = 2.0 V; CL = 50 pF
-
-
280
ns
VCC = 4.5 V; CL =50pF
-
-
56
ns
VCC = 6.0 V; CL =50pF
-
-
48
ns
tTHL, tTLH
output transition time
see Figure 8
VCC = 2.0 V; CL = 50 pF
-
-
110
ns
VCC = 4.5 V; CL =50pF
-
-
22
ns
VCC = 6.0 V; CL =50pF
-
-
19
ns
tW
clock pulse width HIGH or LOW
see Figure 8
VCC = 2.0 V; CL = 50 pF
120
-
-
ns
VCC = 4.5 V; CL =50pF
24
-
-
ns
VCC = 6.0 V; CL =50pF
20
-
-
ns
master reset pulse width; HIGH
see Figure 8
VCC = 2.0 V; CL = 50 pF
120
-
-
ns
VCC = 4.5 V; CL =50pF
24
-
-
ns
VCC = 6.0 V; CL =50pF
20
-
-
ns
trec
recovery time MR to CP
see Figure 8
VCC = 2.0 V; CL =50pF
75
-
-
ns
VCC = 4.5 V; CL =50pF
15
-
-
ns
VCC = 6.0 V; CL =50pF
13
-
-
ns
fmax
maximum operating frequency
see Figure 8
VCC = 2.0 V; CL = 50 pF
4.0
-
-
MHz
VCC = 4.5 V; CL =50pF
20
-
-
MHz
VCC = 6.0 V; CL =50pF
24
-
-
MHz
Table 9:
Dynamic characteristics for type 74HC4040 …continued
GND = 0 V; tr = tf = 6 ns. For test circuit see Figure 9.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com