Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4040 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC4040
Description  12-stage binary ripple counter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4040 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC4040 Datasheet HTML 1Page - NXP Semiconductors 74HC4040 Datasheet HTML 2Page - NXP Semiconductors 74HC4040 Datasheet HTML 3Page - NXP Semiconductors 74HC4040 Datasheet HTML 4Page - NXP Semiconductors 74HC4040 Datasheet HTML 5Page - NXP Semiconductors 74HC4040 Datasheet HTML 6Page - NXP Semiconductors 74HC4040 Datasheet HTML 7Page - NXP Semiconductors 74HC4040 Datasheet HTML 8Page - NXP Semiconductors 74HC4040 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
74HC_HCT4040_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 14 September 2005
2 of 24
Philips Semiconductors
74HC4040; 74HCT4040
12-stage binary ripple counter
[1]
CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑(C
L × VCC
2
× f
o) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in V.
5.
Ordering information
fmax
maximum operating
frequency
CL = 15 pF; VCC = 5 V
-
90
-
MHz
Ci
input capacitance
-
3.5
-
pF
CPD
power dissipation
capacitance
VI = GND to VCC
-20
-
pF
Type 74HCT4040
tPHL, tPLH
propagation delay
CP to Q0
CL = 15 pF; VCC = 5 V
-
16
-
ns
Qn to Qn+1
CL = 15 pF; VCC =5V
-
8
-
ns
fmax
maximum operating
frequency
CL = 15 pF; VCC = 5 V
-
79
-
MHz
Ci
input capacitance
-
3.5
-
pF
CPD
power dissipation
capacitance
VI = GND to VCC − 1.5 V
-
20
-
pF
Table 1:
Quick reference data …continued
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2:
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC4040N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil);
long body
SOT38-1
74HC4040D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads; body
width 3.9 mm
SOT109-1
74HC4040DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads; body
width 5.3 mm
SOT338-1
74HC4040PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74HC4040BQ
−40 °C to +125 °C
DHVQFN16 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 16 terminals;
body 2.5
× 3.5 × 0.85 mm
SOT763-1
74HCT4040N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil);
long body
SOT38-1
74HCT4040D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads; body
width 3.9 mm
SOT109-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com