Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4040 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 74HC4040
Description  12-stage binary ripple counter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4040 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74HC4040 Datasheet HTML 11Page - NXP Semiconductors 74HC4040 Datasheet HTML 12Page - NXP Semiconductors 74HC4040 Datasheet HTML 13Page - NXP Semiconductors 74HC4040 Datasheet HTML 14Page - NXP Semiconductors 74HC4040 Datasheet HTML 15Page - NXP Semiconductors 74HC4040 Datasheet HTML 16Page - NXP Semiconductors 74HC4040 Datasheet HTML 17Page - NXP Semiconductors 74HC4040 Datasheet HTML 18Page - NXP Semiconductors 74HC4040 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
74HC_HCT4040_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 14 September 2005
15 of 24
Philips Semiconductors
74HC4040; 74HCT4040
12-stage binary ripple counter
[1]
CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑(C
L × VCC
2
× f
o) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in V.
13. Waveforms
tPHL
propagation delay MR to Qn
VCC = 4.5 V; CL =50pF;
see Figure 8
--68
ns
tTHL, tTLH
output transition time
VCC = 4.5 V; CL =50pF;
see Figure 8
--22
ns
tW
clock pulse width HIGH or LOW
VCC = 4.5 V; CL =50pF;
see Figure 8
24
-
-
ns
master reset pulse width; HIGH
VCC = 4.5 V; CL =50pF;
see Figure 8
24
-
-
ns
trec
recovery time MR to CP
VCC = 4.5 V; CL =50pF;
see Figure 8
15
-
-
ns
fmax
maximum operating frequency
VCC = 4.5 V; CL =50pF;
see Figure 8
20
-
-
MHz
Table 10:
Dynamic characteristics for type 74HCT4040 …continued
GND = 0 V; tr = tf = 6 ns. For test circuit see Figure 9.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
74HC4040: VM = 50 %; VI = GND to VCC.
74HCT4040: VM = 1.3 V; VI = GND to 3 V.
Fig 8.
Clock (CP) to output (Qn) propagation delays, clock pulse width, output transition
times, maximum clock pulse frequency, master reset (MR) pulse width, master
reset to output (Qn) propagation delays and master reset to clock (CP) removal
time.
MR input
CP input
Q0 or Qn
output
tW
tPHL
1/fmax
trem
VM
VI
VI
VM
001aad590
tPLH
tW
tTLH
tTHL
tPHL
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com