Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4040 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74HC4040
Description  12-stage binary ripple counter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4040 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74HC4040 Datasheet HTML 10Page - NXP Semiconductors 74HC4040 Datasheet HTML 11Page - NXP Semiconductors 74HC4040 Datasheet HTML 12Page - NXP Semiconductors 74HC4040 Datasheet HTML 13Page - NXP Semiconductors 74HC4040 Datasheet HTML 14Page - NXP Semiconductors 74HC4040 Datasheet HTML 15Page - NXP Semiconductors 74HC4040 Datasheet HTML 16Page - NXP Semiconductors 74HC4040 Datasheet HTML 17Page - NXP Semiconductors 74HC4040 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
74HC_HCT4040_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 14 September 2005
14 of 24
Philips Semiconductors
74HC4040; 74HCT4040
12-stage binary ripple counter
Table 10:
Dynamic characteristics for type 74HCT4040
GND = 0 V; tr = tf = 6 ns. For test circuit see Figure 9.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
tPHL, tPLH
propagation delay CP to Q0
see Figure 8
VCC = 4.5 V; CL = 50 pF
-
19
40
ns
VCC = 5.0 V; CL = 15 pF
-
16
-
ns
propagation delay Qn to Qn+1
see Figure 8
VCC = 4.5 V; CL = 50 pF
-
10
20
ns
VCC = 5.0 V; CL = 15 pF
-
8
-
ns
tPHL
propagation delay MR to Qn
VCC = 4.5 V; CL =50pF;
see Figure 8;
-23
45
ns
tTHL, tTLH
output transition time
VCC = 4.5 V; CL =50pF;
see Figure 8;
-
7
15
ns
tW
clock pulse width HIGH or LOW
VCC = 4.5 V; CL =50pF;
see Figure 8;
16
7
-
ns
master reset pulse width; HIGH
VCC = 4.5 V; CL =50pF;
see Figure 8;
16
6
-
ns
trec
recovery time MR to CP
VCC = 4.5 V; CL =50pF;
see Figure 8;
10
2
-
ns
fmax
maximum operating frequency
see Figure 8
VCC = 4.5 V; CL =50pF
30
72
-
MHz
VCC = 5.0 V; CL = 15 pF
-
79
-
MHz
CPD
power dissipation capacitance
per package
[1] -20
-
pF
Tamb = −40 °C to +85 °C
tPHL, tPLH
propagation delay CP to Q0
VCC = 4.5 V; CL =50pF;
see Figure 8;
--50
ns
propagation delay Qn to Qn+1
VCC = 4.5 V; CL =50pF;
see Figure 8;
--25
ns
tPHL
propagation delay MR to Qn
VCC = 4.5 V; CL =50pF;
see Figure 8;
--56
ns
tTHL, tTLH
output transition time
VCC = 4.5 V; CL =50pF;
see Figure 8;
--19
ns
tW
clock pulse width HIGH or LOW
VCC = 4.5 V; CL =50pF;
see Figure 8;
20
-
-
ns
master reset pulse width; HIGH
VCC = 4.5 V; CL =50pF;
see Figure 8;
20
-
-
ns
trec
recovery time MR to CP
VCC = 4.5 V; CL =50pF;
see Figure 8;
13
-
-
ns
fmax
maximum operating frequency
VCC = 4.5 V; CL =50pF;
see Figure 8;
24
-
-
MHz
Tamb = −40 °C to +125 °C
tPHL, tPLH
propagation delay CP to Q0
VCC = 4.5 V; CL =50pF;
see Figure 8;
--60
ns
propagation delay Qn to Qn+1
VCC = 4.5 V; CL =50pF;
see Figure 8
--30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com