Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S55SS7-FS081908 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S55SS7-FS081908
Description  NONMAGNETIC MINIMUM OPERATING RADIUS – 3-1/2 INCHES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S55SS7-FS081908 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S55SS7-FS081908 Datasheet HTML 1Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 2Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 3Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 4Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 5Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 6Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
I
R
1
2
3
4
5
6
7
8
9
10
11
12
13
T
14
15
16
6-81
Phone: 516.328.3300 • Fax: 516.326.8827 • www.sdP-si.com
01
Inch
Ø7/16
FLEXIBLE SHAFT DIA.
L ± 1/16
SOCKET HEAD SET SCREW
Ø.253
.251
Ø1/2
3/16
11/32
3/8
13/16
#8-32
Ø.190
.188
5/32
1/4
11/16
#8-32
End Fitting
No. 1
End Fitting
No. 2
Ø.315
.313
Ø9/16
7/32
7/16
19/32
1-1/16
#10-32
End Fitting
No. 3
#10-32
(2 SET SCREWS)
Ø.378
.375
Ø5/8
1/4
1/2
5/8
1-1/4
End Fitting
No. 4
END
FITTING
END
FITTING
5/16
STAINLESS STEEL
WITHOUT CASING
maTeRiaL:
Flexible cable - Stainless Steel
end Fittings - Stainless Steel
SPECIAL ORDERS for Many Combinations of Fittings and
Lengths Accepted.
PeRFoRmance daTa:
RemoTe conTRoL nomencLaTURe
manual Torque capacity - The safe working
torque in lbf in. for remote control flexible
shafts when operated manually or at speeds
up to 100 rpm.
dynamic Torque capacity - The safe working
torque in lbf in. for remote control flexible
shafts when operated mechanically at speeds
from 100 rpm to 3000 rpm on duty cycles not
exceeding 5 minutes duration with rest intervals
of a minimum of 2 minutes.
Torsional deflection - The accuracy required between
the control and controlled elements measured in degrees
per foot of shaft per lbf in. load.
Radius of curvature - The radius of the smallest curve in
which the particular shaft should be operated.
* To be discontinued when present stock is depleted.
FLexibLe shaFTs • REMOTE CONTROL ASSEMbLIES
catalog number*
inch comPonenT
s55ss7-Fs061504
s55ss7-Fs081504
s55ss7-Fs081506
s55ss7-Fs101506
s55ss7-Fs101512
s55ss7-Fs081908
s55ss7-Fs081912
s55ss7-Fs101912
4
6
12
8
12
1
2
3
2
3
.150
.187
End
Fitting
number
Flexible
shaft
diameter
L
Length
in.
4"
6"
8"
10"
12"
15"
20"
25"
Radius of curvature
lbf in.
winding Unwinding
operating Torque capacity, winding
and Unwinding directions, (lbf in.) input
max. Torsional deflec-
tion at Load indicated
(degrees per Foot of shaft)
mode
of
operation
.150
.188
.250
20.4
10.6
32.4
16.2
64.0
32.0
19.1
10.0
30.4
15.2
58.0
29.0
18.2
9.4
28.4
14.2
54.0
27.0
16.8
8.7
26.4
13.2
48.0
24.0
15.0
7.8
23.6
11.8
40.0
20.0
12.0
6.2
19.0
9.5
27.0
14.0
6.0
3.1
9.4
4.7
—
1
10
9.0
2.7
12.0
8.0
2.3
12.0
shaft
diameter
—
67
34
Manual
Dynamic
Manual
Dynamic
Manual
Dynamic
Rev: 4-23-14 SS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com