Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S55SS7-FS081908 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # S55SS7-FS081908
Description  NONMAGNETIC MINIMUM OPERATING RADIUS – 3-1/2 INCHES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S55SS7-FS081908 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  S55SS7-FS081908 Datasheet HTML 1Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 2Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 3Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 4Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 5Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 6Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
I
R
1
2
3
4
5
6
7
8
9
10
11
12
13
T
14
15
16
6-82
PHONE: 516.328.3300 • FAX: 516.326.8827 • WWW.SDP-SI.COM
01
Inch
Ø3/8
FLEXIBLE SHAFT DIA.
L ± 1/16
SOCKET HEAD SET SCREW
.190
.188
Ø7/16
5/32
1/4
5/16
11/16
#8-32
.128
.126
1/8
1/4
9/16
#4-40
End Fitting
No. 1
End Fitting
No. 2
#10-32
(2 SET SCREWS)
.315
.313
Ø9/16
7/32
7/16
19/32
1-1/16
End Fitting
No. 4
END
FITTING
END
FITTING
Ø
Ø
Ø
.253
.251
Ø1/2
3/16
11/32
3/8
13/16
#8-32
End Fitting
No. 3
Ø
WITHOUT CASING
MATERIAL:
Flexible Cable - Steel
End Fittings - Plated Steel
PERFORMANCE DATA:
4" 2.5" 2" 1.5"
6"
8"
10"
12"
15"
20"
25"
Radius of Curvature
lbf in.
Winding Unwinding
Operating Torque Capacity, Winding
and Unwinding Directions, (lbf in.) Input
Max. Torsional Deflec-
tion at Load Indicated
(Degrees per Foot of Shaft)
Mode
of
Operation
Shaft
Dia.
1.4
—
5.6
2.8
12.1
6.1
19.8
9.9
45.0
23.0
1.7
—
6.6
3.3
15.3
7.7
24.8
12.4
62.0
31.0
1.8
—
7.1
3.6
17.2
8.6
27.6
13.8
70.0
35.0
1.9
—
7.6
3.8
18.4
9.2
29.4
14.7
76.0
38.0
—
—
—
—
19.5
9.8
31.4
15.7
83.0
41.0
—
—
—
—
20.9
10.5
33.4
16.7
89.0
41.0
—
—
—
—
—
—
—
—
93
47
Dynamic
Manual
Manual
Dynamic
Manual
Dynamic
Manual
Dynamic
Manual
Dynamic
.098
.130A∆
.130
.130
.150
.150
.188
.188
.250
.250
—
.47
—
—
—
—
—
—
—
—
.9
2.0
3.6
1.8
6.2
3.1
10.0
5.0
—
—
*
1.5
—
—
—
—
—
—
—
—
250.0
50.0
13.0
13.0
6.0
6.0
3.3
3.3
13.0
13.0
80.0
40.0
13.0
13.0
6.0
6.0
3.0
3.0
10.0
10.0
1
1
1
1
1
1
1
1
10
10
—
1.12
—
—
—
—
—
—
—
—
NOTE: .130A diameter shaft has a greater
degree of flexibility.
* Can be operated manually to radius
indicated with torsional breaking
strength of 6.0 lbf in. clockwise.
∆ Can be used in dynamic mode if shaft
length is shortened (approximately 2" long).
SPECIAL ORDERS for Many Combinations of Fittings and
Lengths Accepted.
FLEXIBLE SHAFTS • REMOTE CONTROL ASSEMBLIES
Catalog Number
INCH COMPONENT
End
Fitting
Number
Flexible
Shaft
Diameter
L
Length
in.
1
2
3
1
2
3
2
3
3
2
3
3
3
3
3
3
4
.098
.098
.098
.130A
.130A
.130A
.130
.130
.130
.150
.150
.150
.150
.187
.187
.250
.250
3
5
8
3
5
8
3
5
8
4
6
8
12
10
12
12
14
A 7C12-03311
A 7C12-05322
A 7C12-08333
A 7C12-03411A
A 7C12-05422A
A 7C12-08433A
A 7C12-03422
A 7C12-05433
A 7C12-08433
A 7C12-04522
A 7C12-06533
A 7C12-08533
A 7C12-12533
A 7C12-10633
A 7C12-12633
A 7C12-12833
A 7C12-14844



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com