Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S55SS7-FS081908 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # S55SS7-FS081908
Description  NONMAGNETIC MINIMUM OPERATING RADIUS – 3-1/2 INCHES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S55SS7-FS081908 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  S55SS7-FS081908 Datasheet HTML 1Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 2Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 3Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 4Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 5Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 6Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
I
R
1
2
3
4
5
6
7
8
9
10
11
12
13
T
14
15
16
6-84
PHONE: 516.328.3300 • FAX: 516.326.8827 • WWW.SDP-SI.COM
01
Inch
WITH CASING
MATERIAL:
Flexible Cable - Steel
Flexible Casing - Vinyl Covered Steel
End Fittings - Plated Steel
SPECIAL ORDERS for Many Combinations
of Fittings and Lengths Accepted.
PERFORMANCE DATA:
4"
6"
8"
10"
12"
15"
25"
20"
Radius of Curvature
lbf in.
Winding Unwinding
Operating Torque Capacity, Winding
and Unwinding Directions, (lbf in.) Input
Max. Torsional Deflec-
tion at Load Indicated
(Degrees per Foot of Shaft)
Mode
of
Operation
Shaft
Dia.
13.0
13.0
6.0
6.0
3.3
3.3
13.0
13.0
3.6
1.8
6.2
3.1
10.0
5.0
—
—
Manual
Dynamic
Manual
Dynamic
Manual
Dynamic
Manual
Dynamic
—
—
20.9
10.5
33.4
16.7
89.0
45.0
—
—
—
—
—
—
93.0
47.0
5.6
2.8
12.1
6.1
19.8
9.9
45.0
23.0
6.6
3.3
15.3
7.7
24.8
12.4
62.0
31.0
7.1
3.6
17.2
8.6
27.6
13.8
70.0
35.0
—
—
19.5
9.8
31.4
15.7
83.0
41.0
13.0
13.0
6.0
6.0
3.0
3.0
10.0
10.0
1
1
1
1
1
1
10
10
.130
.130
.150
.150
.187
.187
.250
.250
7.6
3.8
18.4
9.2
29.4
14.7
76.0
38.0
End Fitting Fig. 1, Fig. 2 & Fig. 4 are available on special order.
FLEXIBLE SHAFTS • REMOTE CONTROL ASSEMBLIES
1/4
1/8
Ø3/8
.128
.126
#4-40
(SEE NOTE)
5/16
5/32
Ø7/16
.190
.188
#8-32
(SEE NOTE)
3/8
3/16
Ø1/2
.253
.251
#8-32
(SEE NOTE)
7/16
7/32
Ø9/16
.315
.313
#10-32
(SEE NOTE)
Fig. 1
Fig. 2
Fig. 3 (Standard)
Fig. 4
2-1/2
L ± 1/16
SOCKET HEAD
SET SCREW (SEE NOTE)
FLEXIBLE SHAFT DIA.
Ø
Ø
Ø
Ø
Catalog Number
INCH COMPONENT
Standard
End
Fitting
Fig.
Flexible
Shaft
Diameter
L
Length
in.
.130
.150
.150
.187
.250
.250
.250
A 7Z11-24433
A 7Z11-24533
A 7Z11-36533
A 7Z11-30633
A 7Z11-24833
A 7Z11-36833
A 7Z11-48833
24
24
36
30
24
36
48
3
3
3
3
3
3
3
NOTES: Fig. 1 style end fitting for .187 diameter flexible shaft has two set screws.
End fittings for .250 diameter flexible shaft have two set screws.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com