Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S55SS7-FS081908 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # S55SS7-FS081908
Description  NONMAGNETIC MINIMUM OPERATING RADIUS – 3-1/2 INCHES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S55SS7-FS081908 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  S55SS7-FS081908 Datasheet HTML 1Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 2Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 3Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 4Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 5Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 6Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
I
R
1
2
3
4
5
6
7
8
9
10
11
12
13
T
14
15
16
6-85
Phone: 516.328.3300 • Fax: 516.326.8827 • www.sdP-si.com
01
Inch
WITH CASING
maTeRiaL:
Flexible cable - Steel
Flexible casing - Vinyl Covered Steel
Bearings - Sintered Bronze
end Fittings - Plated Steel
SPECIAL ORDERS for Many
Combinations of Fittings and
Lengths Accepted.
PeRFoRmance daTa:
4"
6"
8"
10"
12"
15"
25"
20"
Radius of curvature
minimum
operating
Radius
in.
shaft
dia.
dynamic Torque capacity,
winding direction (lbf in.) input
Torsional*
Breaking Load
For straight shafts,
winding direction
lbf in.
.130
.150
.187
.250
—
—
13.5
24.0
—
—
—
25.0
3.0
4.0
4.0
4.0
1.7
1.4
4.0
—
3.6
4.7
11.8
21.0
3.8
5.0
12.6
22.0
3.4
4.4
11.0
19.0
3.1
3.9
9.8
16.0
2.4
3.1
7.8
12.0
15
24
55
100
* Shaft will break or helix under these loads. For routine tests, do not specify
more than approximately 50% of these figures. Otherwise, the flexible shaft
may be seriously damaged.
End Fitting Fig. 1, Fig. 2 & Fig. 4 are available on special order.
Fig. 3 is the standard end fitting.
FLexiBLe shaFTs • POWER DRIVE ASSEMBLIES
1/4
1/8
Ø3/8
.128
.126
#4-40
(SEE NOTE)
5/16
5/32
Ø7/16
.190
.188
#8-32
(SEE NOTE)
3/8
3/16
Ø1/2
.253
.251
#8-32
(SEE NOTE)
7/16
7/32
Ø9/16
.315
.313
#10-32
(SEE NOTE)
Fig. 1
Fig. 2
Fig. 3 (Standard)
Fig. 4
2-1/2
L ± 1/16
SOCKET HEAD
SET SCREW (SEE NOTE)
FLEXIBLE SHAFT DIA.
DRIVE
INPUT END
CW
Ø
Ø
Ø
Ø
catalog number
inch comPonenT
standard
end
Fitting
Fig.
Flexible
shaft
diameter
L
Length
in.
3
a 7Z10-n24433
a 7Z10-n24533
a 7Z10-n36533
a 7Z10-n30633
a 7Z10-n36633
a 7Z10-n24833
a 7Z10-n36833
.130
.150
.187
.250
24
36
30
36
24
36
noTes: Fig. 1 style end fitting for .187 diameter flexible shaft has two set screws.
End fittings for .250 diameter flexible shaft have two set screws.
Rev: 4-23-14 SS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com