Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S55SS7-FS081908 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # S55SS7-FS081908
Description  NONMAGNETIC MINIMUM OPERATING RADIUS – 3-1/2 INCHES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S55SS7-FS081908 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  S55SS7-FS081908 Datasheet HTML 1Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 2Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 3Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 4Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 5Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 6Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
I
R
1
2
3
4
5
6
7
8
9
10
11
12
13
T
14
15
16
6-83
PHONE: 516.328.3300 • FAX: 516.326.8827 • WWW.SDP-SI.COM
01
Inch
PANEL MOUNTING
WITHOUT CASING
MATERIAL:
Flexible Cable - Steel
End Fittings - Plated Steel
PERFORMANCE DATA:
4"
2.5"
2"
1.5"
6"
8"
10"
12"
15"
25"
Radius of Curvature
lbf in.
Winding Unwinding
Operating Torque Capacity, Winding
and Unwinding Directions, (lbf in.) Input
Max. Torsional Deflec-
tion at Load Indicated
(Degrees per Foot of Shaft)
Mode
of
Operation
Shaft
Dia.
—
—
20.9
33.4
—
7.6
18.4
29.4
1.5
—
—
—
1.12
—
—
—
Manual
Manual
Manual
Manual
.47
—
—
—
1
1
1
1
.130A
.130
.150
.188
—
—
19.5
31.4
—
7.1
17.2
27.6
—
6.6
15.3
24.8
—
5.6
12.1
19.8
2.0
3.6
6.2
10.0
40.0
13.0
6.0
3.0
50.0
13.0
6.0
3.3
NOTE: .130A diameter shaft has a greater degree of flexibility.
SPECIAL ORDERS for Many Combinations of Fittings and Lengths Accepted.
FLEXIBLE SHAFTS • REMOTE CONTROL ASSEMBLIES
Catalog Number
INCH COMPONENT
End
Fitting
Number
Flexible
Shaft
Diameter
L
Length
in.
.130A
.130A
.130
.130
.150
.150
.187
.187
.187
3
4
3
4
5
8
9
8
14
A 7C13-03411A
A 7C13-04422A
A 7C13-03411
A 7C13-04422
A 7C13-05522
A 7C13-08533
A 7C13-09622
A 7C13-08633
A 7C13-14633
Fig. 1
Fig. 2
1
2
1
2
2
3
2
3
3
L ± 1/16
5/16
1/4
3/8
7/64
1-5/32
Ø.125
1/4-32 THD.
SOCKET HEAD
SET SCREW
Fig. 1
Fig. 2
End Fitting
No. 1
End Fitting
No. 2
End Fitting
No. 3
END
FITTING
1/8 MAX.
PANEL THICKNESS
FLEXIBLE
SHAFT DIA.
L ± 1/16
1/2
7/16
1/2
7/32
Ø1/4
3/8-32 THD.
SOCKET HEAD
SET SCREW
END
FITTING
3/8 MAX.
PANEL THICKNESS
FLEXIBLE
SHAFT DIA.
Ø3/8
.253
.251
Ø1/2
3/16
11/32
3/8
13/16
#8-32
.190
.188
Ø7/16
5/32
1/4
5/16
11/16
#8-32
.128
.126
1/8
1/4
9/16
#4-40
Ø
Ø
Ø



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com