Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S55SS7-FS081908 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S55SS7-FS081908
Description  NONMAGNETIC MINIMUM OPERATING RADIUS – 3-1/2 INCHES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S55SS7-FS081908 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S55SS7-FS081908 Datasheet HTML 1Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 2Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 3Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 4Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 5Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 6Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
I
R
1
2
3
4
5
6
7
8
9
10
11
12
13
T
14
15
16
PHONE: 516.328.3300 • FAX: 516.326.8827 • WWW.SDP-SI.COM
01
Inch
NONMAGNETIC
MINIMUM OPERATING RADIUS – 3-1/2 INCHES
MATERIAL:
Flexible Cable - Phosphor Bronze
End Fittings - Brass, Tin Plated
Screws - 300 Series Stainless Steel
SPECIFICATIONS:
Maximum Torque: 3.5 lbf in.
Minimum Operating Radius: 3-1/2 inches
Torsional Deflection:
1.8° per lbf in. per inch of flexible shaft in winding direction
2.6° per lbf in. per inch of flexible shaft in unwinding direction
FLEXIBLE SHAFTS
Catalog Number *
S55PP7-FS0832
S55PP7-FS0840
S55PP7-FS0848
S55PP7-FS0856
37.8°
54.2°
70.6°
86.9°
4
5
6
7
6.0°
8.6°
11.2°
13.8°
4.1°
5.1°
7.8°
9.6°
Unwinding
Winding
Torsional Deflection
@ 1 lbf in. Torque
Max.
Angular
Offset
L
Length
Ø1/2
27/32
Ø.252
.250 BORE 3/8 DP.
Ø.130
L
#8-32 SOCKET HEAD SET
SCREW AT EACH END
END FITTING (TYP)
INCH COMPONENT
*To be discontinued when present stock is depleted.
6-80
REV: 06.07.13 mh


Similar Part No. - S55SS7-FS081908

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
S5500 ASHCROFT-S5500 Datasheet
452Kb / 3P
S5500 Gas Actuated Thermometer
RevE_02-06-24
logo
Intel Corporation
S5500WB INTEL-S5500WB Datasheet
4Mb / 117P
Intel짰 Server Board
logo
Satco Products, Inc.
S5501 SATCO-S5501 Datasheet
128Kb / 2P
5 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
logo
Coilcraft lnc.
S5502-A COILCRAFT-S5502-A Datasheet
19Kb / 1P
CONVERTER TRANSFORMERS AND FILTER CHOKE
logo
Satco Products, Inc.
S5506 SATCO-S5506 Datasheet
125Kb / 1P
9 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
More results

Similar Description - S55SS7-FS081908

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
2-megabit 2.7-volt Minimum DataFlash
logo
JMK Inc.
0815 JMK-0815 Datasheet
54Kb / 1P
Operating V oltage = 250/480 V ac 3 PH Delta Operating Current Max= 1 2 & 1 8 amps
logo
List of Unclassifed Man...
AT45DB021D ETC2-AT45DB021D_13 Datasheet
1Mb / 48P
2-megabit 2.7V Minimum DataFlash
AT45DB011D ETC2-AT45DB011D_12 Datasheet
1Mb / 51P
1-megabit 2.7-volt Minimum DataFlash
logo
E-SWITCH
M900000 E-SWITCH-M900000 Datasheet
30Kb / 1P
1. GOLD PLATING: 2.5 MICRO INCHES MINIMUM
logo
KR Electronics, Inc.
3070 KR-3070 Datasheet
60Kb / 3P
200 MHz minimum 3 dB BW
logo
uPI Group Inc.
UP9508 UPI-UP9508 Datasheet
1Mb / 45P
3/2/12/1-Phase PWM Controller
UP9508Q UPI-UP9508Q Datasheet
706Kb / 49P
3/2/12/1-Phase PWM Controller
logo
Good Will Instrument Co...
GDM-8135 GWINSTEK-GDM-8135 Datasheet
571Kb / 1P
4 1/2 & 3 1/2 DIGITAL MULTIMETER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com