Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S55SS7-FS081908 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # S55SS7-FS081908
Description  NONMAGNETIC MINIMUM OPERATING RADIUS – 3-1/2 INCHES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S55SS7-FS081908 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  S55SS7-FS081908 Datasheet HTML 1Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 2Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 3Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 4Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 5Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 6Page - List of Unclassifed Manufacturers S55SS7-FS081908 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
I
R
1
2
3
4
5
6
7
8
9
10
11
12
13
T
14
15
16
6-86
PHONE: 516.328.3300 • FAX: 516.326.8827 • WWW.SDP-SI.COM
01
Inch
WITH CASING
PANEL MOUNTING
MATERIAL:
Flexible Cable - Steel
Flexible Casing - Vinyl Covered Steel
End Fittings - Plated Steel
SPECIAL ORDERS for Many Combinations
of Fittings and Lengths Accepted.
PERFORMANCE DATA:
4"
6"
8"
10"
12"
15"
20"
Radius of Curvature
lbf in.
Winding Unwinding
Operating Torque Capacity, Winding
and Unwinding Directions, (lbf in.) Input
Max. Torsional Deflec-
tion at Load Indicated
(Degrees per Foot of Shaft)
Mode
of
Operation
Shaft
Dia.
Manual
Manual
Manual
.130
.150
.187
1
1
1
13.0
6.0
3.0
13.0
6.0
3.0
—
20.9
33.4
—
19.5
31.4
7.6
18.4
29.4
6.6
15.3
24.8
5.6
12.1
19.8
3.6
6.2
10.0
7.1
17.2
27.6
End Fitting Fig. 1, Fig. 2 & Fig. 4 are available on special order.
Fig. 3 is the standard end fitting.
FLEXIBLE SHAFTS • REMOTE CONTROL ASSEMBLIES
1/4
1/8
Ø3/8
Ø.128
.126
#4-40
(SEE NOTE)
5/16
5/32
Ø7/16
Ø.190
.188
#8-32
3/8
3/16
Ø1/2
Ø.253
.251
#8-32
7/16
7/32
Ø9/16
Ø.315
.313
#10-32
Fig. 1
Fig. 2
Fig. 3 (Standard)
Fig. 4
L ± 1/16
FLEXIBLE SHAFT DIA.
END FITTING
SOCKET HEAD
SET SCREW (SEE NOTE)
3/16 MAX.
PANEL THICKNESS
1/2
7/16
1/2
2
2-1/2
7/32
Ø1/4
3/8-32 THD
BUSHING
Catalog Number
INCH COMPONENT
Standard
End
Fitting
Fig.
Flexible
Shaft
Diameter
L
Length
in.
3
3
3
3
3
A 7C14-24433
A 7C14-30533
A 7C14-36533
A 7C14-20633
A 7C14-32633
.130
.150
.150
.187
.187
24
30
36
20
32
NOTE: Fig. 1 style end fitting for .187 diameter flexible shaft has two set screws.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com