Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVM13610RDFR Datasheet(PDF) 33 Page - Texas Instruments

Part # TLVM13610RDFR
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610RDFR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLVM13610RDFR Datasheet HTML 27Page - Texas Instruments TLVM13610RDFR Datasheet HTML 28Page - Texas Instruments TLVM13610RDFR Datasheet HTML 29Page - Texas Instruments TLVM13610RDFR Datasheet HTML 30Page - Texas Instruments TLVM13610RDFR Datasheet HTML 31Page - Texas Instruments TLVM13610RDFR Datasheet HTML 32Page - Texas Instruments TLVM13610RDFR Datasheet HTML 33Page - Texas Instruments TLVM13610RDFR Datasheet HTML 34Page - Texas Instruments TLVM13610RDFR Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
EXAMPLE BOARD LAYOUT
4226290/A 09/2020
www.ti.com
B3QFN - 4.05 mm max height
RDF0022A
PLASTIC QUAD FLAT PACK- NO LEAD
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 12X
SOLDER MASK DETAILS
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
METAL
SOLDER MASK
OPENING
EXPOSED METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
EXPOSED METAL
NON- SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
(R 0.05) TYP
(0.05) MIN
ALL AROUND
TYP
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271)
.
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
2X (2.25)
2X (0.75)
2X (6.5)
0.000 PKG ℄
4X (3.3)
(5.7)
4X (1)
20X (0.65)
4X (1.4)
14X (1.2)
4X (0.9)
(Ø0.2) TYP
1
9
10
18
19
4X (1.075)
14X (0.25)
20
21
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com