Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVM13610RDFR Datasheet(PDF) 4 Page - Texas Instruments

Part # TLVM13610RDFR
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610RDFR Datasheet(HTML) 4 Page - Texas Instruments

  TLVM13610RDFR Datasheet HTML 1Page - Texas Instruments TLVM13610RDFR Datasheet HTML 2Page - Texas Instruments TLVM13610RDFR Datasheet HTML 3Page - Texas Instruments TLVM13610RDFR Datasheet HTML 4Page - Texas Instruments TLVM13610RDFR Datasheet HTML 5Page - Texas Instruments TLVM13610RDFR Datasheet HTML 6Page - Texas Instruments TLVM13610RDFR Datasheet HTML 7Page - Texas Instruments TLVM13610RDFR Datasheet HTML 8Page - Texas Instruments TLVM13610RDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Table 6-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
8
FB
I
Feedback input. Connect the midpoint of the feedback resistor divider to this pin. Connect the upper
resistor (RFBT) of the feedback divider to VOUT at the desired point of regulation. Connect the lower
resistor (RFBB) of the feedback divider to AGND. Do not leave open or connect to ground.
9, 10
VOUT1,
VOUT2
P
Output voltage. These pins are connected to the internal buck inductor. Connect these pins to the output
load and connect external output capacitors between these pins and PGND.
12
RT
I
Frequency setting pin used to set the switching frequency between 200 kHz and 2.2 MHz by placing an
external resistor from RT to AGND. Connect to VCC for 400 kHz. Connect to ground for 2.2 MHz. Do not
leave open.
13
PG
O
Open-drain power-good monitor output that asserts low if the FB voltage is not within the specified
window thresholds. A 10-kΩ to 100-kΩ pullup resistor to a suitable voltage is required . If not used, PG
can be left open or connected to GND.
16
NC
—
No connection. Tie to GND or leave open.
17
EN
I
Precision enable input to regulator. High = on, low = off. Can be connected to VIN. Precision enable
allows the pin to be used as an adjustable UVLO. Do not float
19, 20
PGND
G
Power ground. This is the return current path for the power stage of the device. Connect these pads to
the input supply return, the load return, and the capacitors associated with the VIN and VOUT pins. See
Layout Example for a recommended layout.
(1)
P = Power, G = Ground, I = Input, O = Output
TLVM13610
SLVSH63 – FEBRUARY 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLVM13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com