Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVM13610RDFR Datasheet(PDF) 23 Page - Texas Instruments

Part # TLVM13610RDFR
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610RDFR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLVM13610RDFR Datasheet HTML 19Page - Texas Instruments TLVM13610RDFR Datasheet HTML 20Page - Texas Instruments TLVM13610RDFR Datasheet HTML 21Page - Texas Instruments TLVM13610RDFR Datasheet HTML 22Page - Texas Instruments TLVM13610RDFR Datasheet HTML 23Page - Texas Instruments TLVM13610RDFR Datasheet HTML 24Page - Texas Instruments TLVM13610RDFR Datasheet HTML 25Page - Texas Instruments TLVM13610RDFR Datasheet HTML 26Page - Texas Instruments TLVM13610RDFR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
CH 3 ( VOUT )
CH 4 ( IOUT )
VOUT = 5 V
FPWM mode
FSW = 1 MHz
TR = TF = 4 µs
VIN = 24 V
Slew rate = 1 A/µs
Figure 9-8. Load Transient, 0 A to 4 A, 1 A/µs
CH 1 ( VIN )
CH 2 ( VOUT )
CH 3 ( PG )
CH 4 ( IOUT )
VOUT = 5 V
FSW = 1 MHz
Figure 9-9. Start-up into Short Circuit
Default EVM
VOUT = 5 V
FSW = 1 MHz
Figure 9-10. CISPR 11/32 Class B Conducted
Emissions: VIN = 24 V
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900 1000
0
5
10
15
20
25
30
35
40
45
50
CISPR11 Class B Limit
Evaluation Board (Horizontal)
Evaluation Board (Vertical)
Additional 2 x
10pF CIN with EMI
filter removed
VOUT = 5 V
FSW = 1 MHz
Figure 9-11. CISPR 11 Class B Radiated Emissions:
VIN = 24 V
www.ti.com
TLVM13610
SLVSH63 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TLVM13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com