Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVM13610RDFR Datasheet(PDF) 25 Page - Texas Instruments

Part # TLVM13610RDFR
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610RDFR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLVM13610RDFR Datasheet HTML 21Page - Texas Instruments TLVM13610RDFR Datasheet HTML 22Page - Texas Instruments TLVM13610RDFR Datasheet HTML 23Page - Texas Instruments TLVM13610RDFR Datasheet HTML 24Page - Texas Instruments TLVM13610RDFR Datasheet HTML 25Page - Texas Instruments TLVM13610RDFR Datasheet HTML 26Page - Texas Instruments TLVM13610RDFR Datasheet HTML 27Page - Texas Instruments TLVM13610RDFR Datasheet HTML 28Page - Texas Instruments TLVM13610RDFR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
• Keep the FB trace as short as possible by placing the feedback resistors close to the FB pin. Reduce noise
sensitivity of the output voltage feedback path by placing the resistor divider close to the FB pin, rather than
close to the load. FB is the input to the voltage-loop error anplifier and represents a high-impedance node
sensitive to noise. Route a trace from the upper feedback resistor to the required point of output voltage
regulation.
• Use a solid ground plane on the PCB layer directly below the top layer with the module. This plane acts as
a noise shield by minimizing the magnetic fields associated with the currents in the switching loops. Connect
AGND pins 6 and 11 directly to PGND pin 19 under the module.
• Provide enough PCB area for proper heatsinking. Use sufficient copper area to acheive a low thermal
impedance commensurate with the maximum load current and ambient temperature conditions. Provide
adequate heatsinking for the TLVM13610 to keep the junction temperature below 150°C. For operation at
full rated load, the top-side ground plane is an important heat-dissipating area. Use an array of heat-sinking
vias to connect the exposed pads (PGND) of the package to the PCB ground plane. If the PCB has multiple
copper layers, connect these thermal vias to inner-layer ground planes. Make the top and bottom PCB layers
preferably with two-ounce copper thickness (and no less than one ounce).
9.4.1.1 Thermal Design and Layout
For a DC/DC module to be useful over a particular temperature range, the package must allow for the efficient
removal of the heat produced while keeping the junction temperature within rated limits. The TLVM13610
module is available in a small 6.5-mm × 7.55-mm 22-pin QFN (RDL) package to cover a range of application
requirements. The Thermal Information table summarizes the thermal metrics of this package with related detail
provided by the Semiconductor and IC Package Thermal Metrics application report.
The 22-pin QFN package offers a means of removing heat through the exposed thermal pads at the base of
the package. This allows a significant improvement in heatsinking, and it becomes imperative that the PCB
is designed with thermal lands, thermal vias, and one or more ground planes to complete the heat removal
subsystem. The exposed pads of the TLVM13610 are soldered to the ground-connected copper lands on the
PCB directly underneath the device package, reducing the thermal resistance to a very low value.
Preferably, use a four-layer board with 2-oz copper thickness for all layers to provide low impedance, proper
shielding and lower thermal resistance. Numerous vias with a 0.3-mm diameter connected from the thermal
lands to the internal and solder-side ground planes are vital to promote heat transfer. In a multi-layer PCB
stack-up, a solid ground plane is typically placed on the PCB layer below the power-stage components. Not only
does this provide a plane for the power-stage currents to flow, but it also represents a thermally conductive path
away from the heat-generating device.
9.4.2 Layout Example
Cin1
Cin2
Cout1
Cout2
Rfbb
Rfbt
Cvcc
Rrt
Rboot
U1
Figure 9-12. Typical Layout
www.ti.com
TLVM13610
SLVSH63 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TLVM13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com