Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVM13610RDFR Datasheet(PDF) 21 Page - Texas Instruments

Part # TLVM13610RDFR
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610RDFR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLVM13610RDFR Datasheet HTML 17Page - Texas Instruments TLVM13610RDFR Datasheet HTML 18Page - Texas Instruments TLVM13610RDFR Datasheet HTML 19Page - Texas Instruments TLVM13610RDFR Datasheet HTML 20Page - Texas Instruments TLVM13610RDFR Datasheet HTML 21Page - Texas Instruments TLVM13610RDFR Datasheet HTML 22Page - Texas Instruments TLVM13610RDFR Datasheet HTML 23Page - Texas Instruments TLVM13610RDFR Datasheet HTML 24Page - Texas Instruments TLVM13610RDFR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
9.2.1.2.2 Output Voltage Setpoint
The output voltage of a TLVM13610 module is externally adjustable using a resistor divider. A recommended
value for RFBT of 100 kΩ for improved noise immunity compared to 1 MΩ and reduced current consumption
compared to lower resistance values. Calculate RFBB using the following equation :
RFBB= RFBT ×  VREF
VOUT − VREF
(8)
Choose the closest standard value of 24.9 kΩ for RFBB.
9.2.1.2.3 Switching Frequency Selection
Connect a 15.8-kΩ resistor from RT to AGND to set a switching frequency of 1 MHz, which is designed for an
output of 5 V as it establishes an inductor peak-to-peak ripple current in the range of 20% to 40% of the 8-A
rated output current at a nominal input voltage of 24 V.
9.2.1.2.4 Input Capacitor Selection
The TLVM13610 requires a minimum input capacitance of 2 × 10-µF ceramic, preferably with X7R dielectric.
The voltage rating of input capacitors must be greater than the maximum input voltage. For this design, select
two 10-µF, X7R, 50-V, 1210 case size, ceramic capacitors connected from VIN1 and VIN2 to PGND as close as
possible to the module. See Figure 9-13 for recommneded layout placement.
9.2.1.2.5 Output Capacitor Selection
From Table 8-1, the TLVM13610 requires a minimum of 25 µF of effective output capacitance for proper
operation at an output voltage of 5 V at 2.2 MHz. Use high-quality ceramic type capacitors with sufficient
voltage and temperature rating. If needed, connect additional output capacitance to reduce ripple voltage or for
applications with specific load transient requirements.
For this design example, use two 47-µF, 6.3-V or 10-V, X7R, 1210, ceramic capacitors connected close to the
module from the VOUT1 and VOUT2 pins to PGND. The total effective capacitance at 5 V is approximately
52 µF and 38 µF at 25°C and –40°C, respectively.
9.2.1.2.6 Other Connections
Short RBOOT to CBOOT and connect VLDOIN to the 5-V output for best efficiency. To increase phase margin
when using an output capacitance close to the minimum in Table 8-1, a feedforward capacitor, designated as
CFF can be placed across the upper feedback resistor. Place the zero created by CFF and RFBT higher than one
fifth the switching so that it boosts phase but does not significantly increase the crossover frequency. Because
this CFF capacitor can conduct noise from the output of the circuit directly to the FB node of the IC, a 4.99-kΩ
resistor, RFF, must be placed in series with CFF. If the ESR zero of the output capacitor is below 200 kHz, do not
use CFF.
www.ti.com
TLVM13610
SLVSH63 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLVM13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com