Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVM13610RDFR Datasheet(PDF) 6 Page - Texas Instruments

Part # TLVM13610RDFR
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610RDFR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLVM13610RDFR Datasheet HTML 2Page - Texas Instruments TLVM13610RDFR Datasheet HTML 3Page - Texas Instruments TLVM13610RDFR Datasheet HTML 4Page - Texas Instruments TLVM13610RDFR Datasheet HTML 5Page - Texas Instruments TLVM13610RDFR Datasheet HTML 6Page - Texas Instruments TLVM13610RDFR Datasheet HTML 7Page - Texas Instruments TLVM13610RDFR Datasheet HTML 8Page - Texas Instruments TLVM13610RDFR Datasheet HTML 9Page - Texas Instruments TLVM13610RDFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
7.4 Thermal Information
THERMAL METRIC (1)
TLVM13610
UNIT
RDF
22 PINS
RθJA
Junction-to-ambient thermal resistance (TLVM13610EVM) (3)
18
°C/W
RθJA
Junction-to-ambient thermal resistance (JESD 51-7) (2)
25
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
12.8
°C/W
RθJB
Junction-to-board thermal resistance
7.4
°C/W
ΨJT
Junction-to-top characterization parameter
0.7
°C/W
ΨJB
Junction-to-board characterization parameter
7.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The value of RΘJA given in this table is only valid for comparison with other packages and can not be used for design purposes.
These values were calculated in accordance with JESD 51-7, and simulated on a 4-layer JEDEC board. They do not represent the
performance obtained in an actual application. For example, the EVM RΘJA = 21.6 °C/W. For design information please see the
Thermal Design and Layout section.
(3)
Refer to the EVM User's Guide for board layout and additional information. For thermal design information please see the Thermal
Design and Layout section.
7.5 Electrical Characteristics
Limits apply over the recommended operating junction temperature range of -40°C to +125°C, unless otherwise noted.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following
conditions apply: VIN = 12. VIN1 shorted to VIN2 = VIN. VOUT is output set point.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
VIN
Minimum operating input voltage
Needed to start up
3.7
V
Once Operating
3
V
VIN_OP_H
Minimum voltage hysteresis
1
V
IQ
Non-switching input current; measured
at VIN pin (3)
VFB = +5%, VBIAS = 5 V
0.5
10
µA
ISD
Shutdown quiescent current; measured
at VIN pin
VEN = 0 V, VIN = 12 V
0.57
7.5
µA
IB
Current into BIAS pin (not switching)
VFB = +5%, VBIAS = 5 V, Auto Mode
Enabled
18.5
26
µA
ENABLE (EN PIN)
VEN
Enable input-threshold voltage - rising
VEN rising
1.0
1.263
1.365
V
VEN_HYST
Enable threshold hysteresis
0.1
0.35
0.5
V
VEN_WAKE
Enable Wake-up threshold
0.4
V
IEN
Enable pin input current
VIN = VEN = 12 V
1.5
50
nA
INTERNAL LDO (VCC PIN)
VCC
Internal VCC voltage
VBIAS = 0V
3.4
V
VBIAS = 3.3 V, 20 mA
3.2
VCC_UVLO
VIN voltage at which Internal VCC under
voltage lock-out is released
IVCC = 0A
3.75
V
VCC_UVLO_HYST
Internal VCC under voltage lock-out
hysteresis
Hysteresis below VCC_UVLO
1.2
V
VOLTAGE REFERENCE (FB PIN)
VFB
Initial reference voltage accuracy for
adjustable (1 V FB) versions
VIN = 3.0 V to 36 V, FPWM Mode
0.985
1
1.015
V
TLVM13610
SLVSH63 – FEBRUARY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLVM13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com