Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVM13610RDFR Datasheet(PDF) 22 Page - Texas Instruments

Part # TLVM13610RDFR
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610RDFR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLVM13610RDFR Datasheet HTML 18Page - Texas Instruments TLVM13610RDFR Datasheet HTML 19Page - Texas Instruments TLVM13610RDFR Datasheet HTML 20Page - Texas Instruments TLVM13610RDFR Datasheet HTML 21Page - Texas Instruments TLVM13610RDFR Datasheet HTML 22Page - Texas Instruments TLVM13610RDFR Datasheet HTML 23Page - Texas Instruments TLVM13610RDFR Datasheet HTML 24Page - Texas Instruments TLVM13610RDFR Datasheet HTML 25Page - Texas Instruments TLVM13610RDFR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
9.2.1.3 Application Curves
Unless otherwise indicated, VIN = 24 V, VOUT = 5 V, IOUT = 8 A, and FSW = 1 MHz.
Output Current (A)
0
1
2
3
4
5
6
7
8
70
75
80
85
90
95
100
VIN = 12 V
VIN = 24 V
VIN = 36 V
VOUT = 5 V
FPWM mode
FSW = 1 MHz
Figure 9-2. Efficiency for VOUT = 5 V
Output Current (A)
0
1
2
3
4
5
6
7
8
70
75
80
85
90
95
100
VIN = 12 V
VIN = 24 V
VIN = 36 V
VOUT = 5 V
Auto mode
FSW = 1 MHz
Figure 9-3. Efficiency for VOUT = 5 V
Output Current (A)
0
1
2
3
4
5
6
7
8
4.95
4.975
5
5.025
5.05
VIN = 12 V
VIN = 24 V
VIN = 36 V
VOUT = 5 V
FPWM mode
FSW = 1 MHz
Figure 9-4. Load Regulation for VOUT = 5 V
Output Current (A)
0
1
2
3
4
5
6
7
8
4.95
4.975
5
5.025
5.05
VIN = 12 V
VIN = 24 V
VIN = 36 V
VOUT = 5 V
Auto mode
FSW = 1 MHz
Figure 9-5. Load Regulation for VOUT = 5 V
CH 1 ( VIN )
CH 2 ( VOUT )
CH 3 ( PG )
VIN = 24 V
IOUT = 8 A
FSW = 1 MHz
Figure 9-6. Start-up
CH 3 ( VOUT )
CH 4 ( IOUT )
VOUT = 5 V
FPWM mode
FSW = 1 MHz
TR= TF = 4 µs
VIN = 24 V
Slew rate = 1 A/µs
Figure 9-7. Load Transient, 4 A to 8 A, 1 A/µs
TLVM13610
SLVSH63 – FEBRUARY 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLVM13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com