Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5306ACP-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5306ACP-R2
Description  60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5306ACP-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADL5306ACP-R2 Datasheet HTML 1Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 2Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 3Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 4Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 5Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 6Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 7Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 8Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADL5306
PIN CONFIGURATION AND PIN FUNCTION DESCRIPTIONS
NC
INPT
VREF
IREF
SCAL
BFIN
COMM
COMM
COMM
VPOS
COMM
VNEG
VNEG
VSUM
VOUT
VLOG
1
2
3
4
56
7
8
9
10
11
12
13
14
15
16
ADL5306
03727-0-002
Figure 2. 16-Lead Leadframe Chip Scale Package (LFCSP)
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
NC
N/A
2
VREF
Reference Output Voltage of 2.5 V.
3
IREF
Accepts (Sinks) Reference Current IREF.
4
INPT
Accepts (Sinks) Photodiode Current IPD. Usually connected to photodiode anode such that photocurrent flows
into INPT.
5
VSUM
Guard Pin. Used to shield the INPT current line and for optional adjustment of the INPT and IREF node potential.
6, 7
VNEG
Optional Negative Supply, VN. This pin is usually grounded; for details of usage, see the Applications section.
8
VPOS
Positive Supply, ( VP – VN ) ≤ 11 V.
9
VLOG
Output of the Logarithmic Front End.
10
BFIN
Buffer Amplifier Noninverting Input.
11
SCAL
Buffer Amplifier Inverting Input.
12
VOUT
Buffer Output.
13–16
COMM
Analog Ground.
Rev. 0 | Page 5 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com