Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5306ACP-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5306ACP-R2
Description  60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5306ACP-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5306ACP-R2 Datasheet HTML 3Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 4Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 5Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 6Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 7Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 8Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 9Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 10Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADL5306
0
0.2
0.4
0.6
0.8
1.0
1.6
1.4
1.2
10n
100n
1
µ
10
µ
100
µ
1m
IREF (A)
03727-0-009
100nA
1
µA
10
µA
100
µA
Figure 9. VLOG vs. IREF for Multiple Values of IPD
(Decade Steps from 10 nA to 1 mA)
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
10n
100n
1
µ
10
µ
100
µ
1m
IPD (A)
03727-0-010
+3V, –0.5V
+3V, 0V
+5V, –5V
+5V, 0V
Figure 10. Law Conformance Error vs. IPD for Various Supply Conditions
–3
–4
–2
–1
0
2
1
4
3
10n
100n
1
µ
10
µ
100
µ
1m
IPD (A)
03727-0-011
MEAN – 3 @ –40°C
MEAN + 3 @ –40°C
MEAN ±3 @ +85°C
TA = –40°C, +85°C
Figure 11. VINPT – VSUM vs. IPD
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
10n
100n
1
µ
10
µ
100
µ
1m
IREF (A)
03727-0-012
100nA
1
µA
10
µA
100
µA
Figure 12. Law Conformance Error vs. IREF for Multiple Values of IPD
(Decade Steps from 10 nA to 1 mA)
0
0.2
0.4
0.6
0.8
1.0
1.2
–20
0
20
40
60
80
100
120
140
160
180
TIME (
µs)
03727-0-013
10
µA TO 100µA:
tRISE < 1µs,
tFALL < 1µs
1
µA TO 10µA:
tRISE < 1µs,
tFALL < 5µs
100nA TO 1
µA:
tRISE < 5µs,
tFALL < 20µs
Figure 13. Pulse Response: IPD to VOUT (G = 1)
–20
0
20
40
60
80
100
120
140
160
180
0
0.2
0.4
0.8
1.0
1.2
1.4
0.6
TIME (
µs)
03727-0-014
100nA TO 1
µA:
tRISE = 30µs,
tFALL = 5µs
1
µA TO 10µA:
tRISE = 5µs,
tFALL < 1µs
10
µA TO 100µA:
tRISE = 1µs,
tFALL < 1µs
Figure 14. Pulse Response: IREF to VOUT (G = 1)
Rev. 0 | Page 7 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com