Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5306ACP-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5306ACP-R2
Description  60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5306ACP-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADL5306ACP-R2 Datasheet HTML 1Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 2Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 3Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 4Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 5Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 6Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 7Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 8Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
60 dB Range (100 nA to 100 µA)
Low Cost Logarithmic Converter
ADL5306
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
Optimized for fiber optic photodiode interfacing
Measures current over 3 decades
Law conformance 0.1 dB from 100 nA to 100 μA
Single- or dual-supply operation (3 V to ±5.5 V total)
Full log-ratio capabilities
Temperature stable
Nominal slope of 10 mV/dB (200 mV/decade)
Nominal intercept of 1 nA (set by external resistor)
Optional adjustment of slope and intercept
Rapid response time for a given current level
Miniature 16-lead chip scale package (LFCSP 3 mm × 3 mm)
Low power: ~5 mA quiescent current
APPLICATIONS
Low cost optical power measurement
Wide range baseband logarithmic compression
Measurement of current and voltage ratios
Optical absorbance measurement
GENERAL DESCRIPTION
The ADL5306
∗ is a low cost microminiature logarithmic converter
optimized for determining optical power in fiber optic systems. The
ADL5306 is derived from the AD8304 and AD8305 translinear
logarithmic converters. This family of devices provides wide
measurement dynamic range in a versatile and easy-to-use form. A
single-supply voltage between 3 V and 5.5 V is adequate; dual
supplies may optionally be used. Low quiescent current (5 mA
typical) permits use in battery-operated applications.
IPD, the 100 nA to 100 µA input current applied to the INPT pin, is
the collector current of an optimally scaled NPN transistor that
converts this current to a voltage (VBE) with a precise logarithmic
relationship. A second converter is used to handle the reference
current, IREF, applied to IREF. These input nodes are biased slightly
above ground (0.5 V). This is generally acceptable for photodiode
applications where the anode does not need to be grounded.
Similarly, this bias voltage is easily accounted for in generating IREF.
The logarithmic front end’s output is available at VLOG.
The basic logarithmic slope at this output is 200 mV/decade
(10 mV/dB) nominal; a 60 dB range corresponds to a 600 mV
output change. When this voltage (or the buffer output) is applied
to an ADC that permits an external reference voltage to be
employed, the ADL5306’s 2.5 V voltage reference output at VREF
can be used to improve scaling accuracy.
FUNCTIONAL BLOCK DIAGRAM
TEMPERATURE
COMPENSATION
BIAS
GENERATOR
451
Ω
14.2k
Ω
80k
Ω
20k
Ω
RREF
200k
Ω
6.69k
Ω
COMM
COMM
COMM
VNEG
VSUM
VPOS
INPT
VREF
NC
IREF
0.5V
+5V
2.5V
0.5V
VBE1
ILOG
VBE2
VOUT
SCAL
BFIN
VLOG
03727-0-001
0.2 log10
( )
IPD
1nA
1k
Ω
1k
Ω
1nF
1nF
1nF
VBIAS
IPD
Q2
Q1
Figure 1. Functional Block Diagram
The logarithmic intercept (reference current) is nominally
positioned at 1 nA by using the externally generated, 100 µA IREF
current provided by a 200 kΩ resistor connected between VREF, at
2.5 V, and IREF, at 0.5 V. The intercept can be adjusted over a
narrow range by varying this resistor. The part can also operate in a
log-ratio mode, with limited accuracy, where the numerator and
denominator currents are applied to INPT and IREF, respectively.
A buffer amplifier is provided to drive substantial loads, raise the
basic 10 mV/dB slope, serve as a precision comparator (threshold
detector), or implement low-pass filters. Its rail-to-rail output stage
can swing to within 100 mV of the positive and negative supply
rails, and its peak current-sourcing capacity is 25 mA.
A fundamental aspect of translinear logarithmic converters is that
small-signal bandwidth falls as current level diminishes, and low
frequency noise-spectral density increases. At the 100 nA level, the
ADL5306’s bandwidth is about 100 kHz; it increases in proportion
to IPD up to a maximum of about 10 MHz. The increase in noise
level at low currents can be addressed by using a buffer amplifier to
realize low-pass filters of up to three poles.
The ADL5306 is available in a 16-lead LFCSP package and is
specified for operation from–40°C to +85°C.
∗
Protected by US Patents 4,604,532 and 5,519,308; other patents pending.


Similar Part No. - ADL5306ACP-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5306 AD-ADL5306_15 Datasheet
2Mb / 16P
Low Cost Logarithmic Converter
REV. 0
More results

Similar Description - ADL5306ACP-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8304 AD-AD8304 Datasheet
4Mb / 20P
160 dB Range (100 pA -10 mA) Logarithmic Converter
8/02-Data Sheet changed from REV. 0 to REV. A.
AD8305 AD-AD8305 Datasheet
1Mb / 20P
100 dB Range (10 nA to 1 mA) Logarithmic Converter
3/03-Data Sheet changed from REV. 0 to REV. A.
ADL5310 AD-ADL5310 Datasheet
665Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
9/04-Data Sheet Changed from Rev. 0 to Rev. A
ADL5303 AD-ADL5303 Datasheet
468Kb / 24P
160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
AD8304ARUZ AD-AD8304ARUZ Datasheet
579Kb / 20P
160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
AD8305ACPZ AD-AD8305ACPZ Datasheet
429Kb / 24P
100 dB Range (10 nA to 1 mA) ogarithmic Converter
REV. B
AD8304 AD-AD8304_15 Datasheet
579Kb / 20P
160 dB Range Logarithmic Converter
REV. A
AD8305 AD-AD8305_15 Datasheet
429Kb / 24P
100 dB Range Logarithmic Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com