Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5306ACP-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5306ACP-R2
Description  60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5306ACP-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5306ACP-R2 Datasheet HTML 6Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 7Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 8Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 9Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 10Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 11Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 12Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 13Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADL5306
Rev. 0 | Page 10 of 16
It is apparent that this output should be zero for IPD = IREF, and
would need to swing negative for smaller values of input
current. To avoid this, IREF would need to be as small as the
smallest value of IPD. In the ADL5306, an internal offset voltage
is added to VLOG to shift it upward by 0.8 V. This moves the
intercept to the left by four decades, from 10 µA to 1 nA:
ILOG = IY log10(IPD / IINTC)
(4)
where IINTC is the operational / value of the intercept current.
Since values of IPD < IINTC result in a negative VLOG, a negative
supply of sufficient value is required to accommodate this
situation (discussed later).
The voltage VLOG is generated by applying ILOG to an internal
resistance of 4.55 kΩ, formed by the parallel combination of a
6.69 kΩ resistor to ground and the 14.2 kΩ resistor to the
internal 2.5 V reference. At the VLOG pin, the output current
ILOG generates a voltage of
VLOG = ILOG × 4.55 kΩ
= 44 µA × 4.55 kΩ × log10 (IPD / IREF)
(5)
= VY log10 (IPD / IREF)
where VY = 200 mV/decade or 10 mV/dB. Note that any
resistive loading on VLOG will lower this slope and will result
in an overall scaling uncertainty due to the variability of the on-
chip resistors. Consequently, this practice is not recommended.
VLOG may also swing below ground when dual supplies (VP and
VN) are used. When VN =
-0.5 V or more negative, the input
pins INPT and IREF may be positioned at ground level simply
by grounding VSUM.
MANAGING INTERCEPT AND SLOPE
As previously noted, the internally generated 2.5 V bias
combines with the on-chip resistors to introduce an accurate
offset voltage of 0.8 V at the VLOG pin, equivalent to four
decades. This results in a logarithmic transfer function that can
be written as
VLOG = VY log10 (104 × IPD / IREF)= VY log10 (IPD / IINTC)
(6)
where IINTC = IREF /104
Thus, the effective intercept current, IINTC, is only one ten-
thousandth of IREF, corresponding to 10 nA when using the
recommended value of IREF = 100 µA.
The slope can be reduced by attaching a resistor to the VLOG
pin. This is strongly discouraged because the on-chip resistors
will not ratio correctly to the added resistance. Also, it is rare
that one would wish to lower the basic slope of 10 mV/dB; if
this is necessary, it should be done at the low impedance output
of the buffer, which is provided to avoid such miscalibration
and allow higher slopes to be used.
The ADL5306 buffer is essentially an uncommitted op amp
with rail-to-rail output swing, good load driving capabilities,
and a unity-gain bandwidth of >20 MHz. In addition to
allowing the introduction of gain using standard feedback
networks, thereby increasing the slope voltage, VY, the buffer
can be used to implement multipole low-pass filters, threshold
detectors, and a variety of other functions. For more details, see
the AD8304 Data Sheet.
RESPONSE TIME AND NOISE CONSIDERATIONS
The response time and output noise of the ADL5306 are
fundamentally a function of the signal current IPD. For small
currents, the bandwidth is proportional to IPD. The output’s low
frequency voltage-noise spectral density is a function of IPD, and
increases for small values of IREF. For details of noise and
bandwidth performance of translinear log amps, see the
AD8304 Data Sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com