Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5306ACP-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5306ACP-R2
Description  60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5306ACP-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5306ACP-R2 Datasheet HTML 8Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 9Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 10Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 11Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 12Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 13Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 14Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 15Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADL5306
Rev. 0 | Page 14 of 16
EVALUATION BOARD
An evaluation board is available for the ADL5306, the schematic
of which is shown in 29. It can be configured for a wide variety
of experiments. The buffer gain is factory-set to unity, providing
a slope of 200 mV/dec, and the intercept is set to 1 nA. Table 4
describes the various configuration options.
Table 4. Evaluation Board Configuration Options
Component
Function
Default Conditions
P1
Supply Interface. Provides access to supply pins VNEG,
COMM, and VPOS.
P1 = Installed
P2, R8, R9, R10, R18
Monitor Interface. By adding 0 Ω resistors to R8, R9, R10,
and R18, the VREF, VSUM, VOUT, and VLOG pin voltages
can be monitored using a high impedance probe.
P2 = Not Installed
R8 = R9 = R10 = Open (Size 0603)
R18 = Open (Size 0603)
R2, R3, R4, R6, R11, R14, C2, C7, C9, C10
Buffer Amplifier/Output Interface. The logarithmic slope
of the ADL5306 can be altered using the buffer’s gain-
setting resistors, R2 and R3. R4, R6, R11, R14, C2, C7, C9, and
C10 are provided for a variety of filtering applications.
R2 = R6 = 0 Ω (Size 0603)
R3 = R4 = Open (Size 0603)
R11 = R14 = 0 Ω (Size 0603)
C2 = C7 = Open (Size 0603)
C9 = C10 = Open (Size 0603)
VLOG = VOUT = Installed
R1, R19
Intercept Adjustment. The voltage dropped across
resistor R1 determines the intercept reference current,
nominally set to 10
µA using a 200 kΩ 1% resistor.
R1 = 200 kΩ (Size 0603)
R19 = 0 Ω (Size 0603)
R12, R15, C3, C4, C5, C6
Supply Decoupling
C3 = C4 = 0.01
µF (Size 0603)
C5 = C6 = 0.1
µF (Size 0603)
R12 = R15 = 0 Ω (Size 0603)
C11
Filtering VSUM
C11 = 1 nF (Size 0603)
R13, R16, C1, C8
Input Compensation. Provides essential HF compensation
at the input pins, INPT and IREF.
R13 = R16 = 1 kΩ (Size 0603)
C1 = C8 = 1 nF (Size 0603)
IREF, INPT, PD, LK1, R5
Input Interface. The test board is configured to accept a
current through the SMA connector labeled INPT. An SC
style packaged photodiode can be used in place of the
INPT SMA for optical interfacing. By removing R1 and
adding a 0 Ω short for R5, a second current can be applied
to the IREF input (also SMA) for evaluating the ADL5306 in
log-ratio applications.
IREF = INPT = Installed
PD = Not Installed
LK1 = Installed
R5 = Open (Size 0603)
J1
SC Style Photodiode
J1 = Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com