Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5306ACP-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5306ACP-R2
Description  60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5306ACP-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5306ACP-R2 Datasheet HTML 4Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 5Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 6Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 7Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 8Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 9Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 10Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 11Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADL5306
FREQUENCY (Hz)
–40
–35
–30
–25
–20
–15
–10
–5
0
10
5
100k
10k
1k
100
1M
10M
100M
03727-0-015
100nA
1
µA
10
µA
100
µA
Figure 15. Small-Signal AC Response (5% Sine Modulation), from IPD to VOUT
(G = 1) for IPD in Decade Steps from 10 nA to 1 mA
FREQUENCY (Hz)
–40
–35
–30
–25
–20
–15
–10
–5
0
10
5
100k
10k
1k
100
1M
10M
100M
03727-0-016
100nA
1
µA
10
µA
100
µA
Figure 16. Small-Signal AC Response (5% Sine Modulation), from IREF to VOUT
(G = 1) for IREF in Decade Steps from 10 nA to 1 mA
0.01
0.1
1
10
100
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
03727-0-017
100nA
1
µA
10
µA
100
µA
Figure 17. Spot Noise Spectral Density at VOUT (G = 1) vs. Frequency
for IPD in Decade Steps from 10 nA to 1 mA
FREQUENCY (Hz)
–25
–20
–15
–10
–5
0
5
100k
10k
1M
10M
100M
03727-0-018
Av = 5
Av = 2.5
Av = 2
Av = 1
Figure 18. Small-Signal AC Response of the Buffer for Various
Closed-Loop Gains (RL = 1 kΩ, CL < 2 pF)
–40 –30 –20 –10
0
20
60
10
30
40
50
70
80 90
–2.0
–1.0
0
1.0
1.5
2.0
–1.5
–0.5
0.5
TEMPERATURE (°C)
03727-0-019
MEAN + 3
σ
MEAN – 3
σ
Figure 19. Buffer Input Offset Drift vs. Temperature
(3
σ to Either Side of Mean)
0
1
2
3
4
5
6
10n
100n
1
µ
10
µ
100
µ
1m
IPD (A)
03727-0-020
Figure 20. Total Wideband Noise Voltage at VOUT vs. IPD (G = 1)
Rev. 0 | Page 8 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com